Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6228Q Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6228Q
Description  DMOS driver for bipolar stepper motor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228Q Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6228Q Datasheet HTML 21Page - STMicroelectronics L6228Q Datasheet HTML 22Page - STMicroelectronics L6228Q Datasheet HTML 23Page - STMicroelectronics L6228Q Datasheet HTML 24Page - STMicroelectronics L6228Q Datasheet HTML 25Page - STMicroelectronics L6228Q Datasheet HTML 26Page - STMicroelectronics L6228Q Datasheet HTML 27Page - STMicroelectronics L6228Q Datasheet HTML 28Page - STMicroelectronics L6228Q Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
L6228Q
Output current capability and IC power dissipation
Doc ID 14321 Rev 4
25/32
6
Output current capability and IC power dissipation
In Figure 26, Figure 27, Figure 28 and Figure 29 are shown the approximate relation
between the output current and the IC power dissipation using PWM current control driving
a two-phase stepper motor, for different driving sequences:
HALF STEP mode (Figure 26) in which alternately one phase / two phases are
energized.
NORMAL DRIVE (FULL-STEP TWO PHASE ON) mode (Figure 27) in which two
phases are energized during each step.
WAVE DRIVE (FULL-STEP ONE PHASE ON) mode (Figure 27) in which only one
phase is energized at each step.
MICROSTEPPING mode (Figure 29), in which the current follows a sine-wave profile,
provided through the Vref pins.
For a given output current and driving sequence the power dissipated by the IC can be
easily evaluated, in order to establish which package should be used and how large must be
the on-board copper dissipating area to guarantee a safe operating junction temperature
(125 °C maximum).
Figure 26.
IC power dissipation versus output current in HALF STEP mode
No PWM
f
SW
= 30 kHz (slow decay)
Test Conditions:
Supply Voltage = 24V
I A
I B
IOUT
IOUT
PD [W]
I OUT [A]
HALF STEP
0
0.25 0.5 0.75 1
1.25 1.5
0
2
4
6
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com