Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6229Q Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6229Q
Description  DMOS driver for three-phase brushless DC motor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229Q Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6229Q Datasheet HTML 10Page - STMicroelectronics L6229Q Datasheet HTML 11Page - STMicroelectronics L6229Q Datasheet HTML 12Page - STMicroelectronics L6229Q Datasheet HTML 13Page - STMicroelectronics L6229Q Datasheet HTML 14Page - STMicroelectronics L6229Q Datasheet HTML 15Page - STMicroelectronics L6229Q Datasheet HTML 16Page - STMicroelectronics L6229Q Datasheet HTML 17Page - STMicroelectronics L6229Q Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Circuit description
L6229Q
14/28
Doc ID 15209 Rev 3
Figure 10.
Output current regulation waveforms
Figure 11 shows the magnitude of the Off Time tOFF versus COFF and ROFF values. It can be
approximately calculated from the equations:
tRCFALL = 0.6 · ROFF · COFF
tOFF = tRCFALL + tDT = 0.6 · ROFF · COFF + tDT
where ROFF and COFF are the external component values and tDT is the internally generated
Dead Time with:
20 k
Ω ≤ R
OFF ≤ 100 kΩ
0.47 nF
≤ C
OFF ≤ 100 nF
tDT = 1 µs (typical value)
Therefore:
tOFF(MIN) = 6.6 µs
tOFF(MAX) = 6 ms
These values allow a sufficient range of tOFF to implement the drive circuit for most motors.
The capacitor value chosen for COFF also affects the Rise Time tRCRISE of the voltage at the
pin RCOFF. The rise time tRCRISE will only be an issue if the capacitor is not completely
charged before the next time the monostable is triggered. Therefore, the on time tON, which
depends by motors and supply parameters, has to be bigger than tRCRISE for allowing a
good current regulation by the PWM stage. Furthermore, the on time tON can not be smaller
than the minimum on time tON(MIN).
OFF
BC
DD
A
tON
tOFF
BC
ON
2.5V
0
Slow Decay
Slow Decay
1
μs tBLANK
tRCRISE
tRCRISE
SYNCHRONOUS RECTIFICATION
1
μs tBLANK
5V
VRC
VSENSE
VREF
IOUT
VREF
RSENSE
D02IN1351
tOFF
1
μs tDT
1
μs tDT
tRCFALL
tRCFALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com