Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6229Q Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6229Q
Description  DMOS driver for three-phase brushless DC motor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229Q Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6229Q Datasheet HTML 19Page - STMicroelectronics L6229Q Datasheet HTML 20Page - STMicroelectronics L6229Q Datasheet HTML 21Page - STMicroelectronics L6229Q Datasheet HTML 22Page - STMicroelectronics L6229Q Datasheet HTML 23Page - STMicroelectronics L6229Q Datasheet HTML 24Page - STMicroelectronics L6229Q Datasheet HTML 25Page - STMicroelectronics L6229Q Datasheet HTML 26Page - STMicroelectronics L6229Q Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
L6229Q
Application information
Doc ID 15209 Rev 3
23/28
Figure 23.
Typical application
6.1
Output current capability and ic power dissipation
In Figure 24 is shown the approximate relation between the output current and the IC power
dissipation using PWM current control.
For a given output current the power dissipated by the IC can be easily evaluated, in order to
establish which package should be used and how large must be the on-board copper
dissipating area to guarantee a safe operating junction temperature (125 °C maximum).
Figure 24.
IC power dissipation versus output power
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10111213141516
32
31
30
29
28
27
26
25
GND
NC
H1 H2 H3
H1
H2
H3
NC
NC
NC
NC
NC
NC
Cp
D1
D2
Vs
8 ÷ 52 VDC
POWER
GROUND
SIGNAL
GROUND
+
_
M
COFF
ROFF
CPUL
RPUL
C3
R4
R2
R3
RDD
ENABLE
CREF1
CREF1
REN
R1
CEN
VREF
Cboot
C1
C2
VCP
OUT2
VSA
GND
VSB
OUT3
NC
VBOOT
to SENSEB
to EN
HALL
SENSOR
THREE-PHASE MOTOR
RH1
RH2
RH3
+5V
+5V
No PWM
f
SW = 30 kHz (slow decay)
Test Condition s:
Supply Voltage = 24 V
0
0.25
0.5 0.75
1
1.25
1.5
0
2
4
6
8
10
P
I
OUT
[A]
D [W]
IOUT
I1
I3
I2
IOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com