Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6229Q Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6229Q
Description  DMOS driver for three-phase brushless DC motor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229Q Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6229Q Datasheet HTML 15Page - STMicroelectronics L6229Q Datasheet HTML 16Page - STMicroelectronics L6229Q Datasheet HTML 17Page - STMicroelectronics L6229Q Datasheet HTML 18Page - STMicroelectronics L6229Q Datasheet HTML 19Page - STMicroelectronics L6229Q Datasheet HTML 20Page - STMicroelectronics L6229Q Datasheet HTML 21Page - STMicroelectronics L6229Q Datasheet HTML 22Page - STMicroelectronics L6229Q Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
L6229Q
Circuit description
Doc ID 15209 Rev 3
19/28
Figure 17.
Tachometer speed control loop
Figure 18.
tPULSE versus CPUL and RPUL
CREF2
RPUL
CPUL
RDD
R3
R2
R1
C1
CREF1
VREF
TACHO
H1
TACHO
MONOSTABLE
RCPULSE
VDD
VREF
R4
1
10
100
10
100
1 .10
3
1 .10
4
Cpul [nF]
RPUL = 100kΩ
RPUL = 47kΩ
RPUL = 20kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com