Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6229Q Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6229Q
Description  DMOS driver for three-phase brushless DC motor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229Q Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6229Q Datasheet HTML 18Page - STMicroelectronics L6229Q Datasheet HTML 19Page - STMicroelectronics L6229Q Datasheet HTML 20Page - STMicroelectronics L6229Q Datasheet HTML 21Page - STMicroelectronics L6229Q Datasheet HTML 22Page - STMicroelectronics L6229Q Datasheet HTML 23Page - STMicroelectronics L6229Q Datasheet HTML 24Page - STMicroelectronics L6229Q Datasheet HTML 25Page - STMicroelectronics L6229Q Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Application information
L6229Q
22/28
Doc ID 15209 Rev 3
6
Application information
A typical application using L6229Q is shown in Figure 23. Typical component values for the
application are shown in Table 9. A high quality ceramic capacitor (C2) in the range of
100 nF to 200 nF should be placed between the power pins VSA and VSB and ground near
the L6229Q to improve the high frequency filtering on the power supply and reduce high
frequency transients generated by the switching. The capacitor (CEN) connected from the
EN input to ground sets the shut down time when an over current is detected (see
overcurrent protection). The two current sensing inputs (SENSEA and SENSEB) should be
connected to the sensing resistor RSENSE with a trace length as short as possible in the
layout. The sense resistor should be non-inductive resistor to minimize the dI/dt transients
across the resistor. To increase noise immunity, unused logic pins are best connected to 5 V
(high logic level) or GND (low logic level) (see pin description). It is recommended to keep
power ground and signal ground separated on PCB.
Table 9.
Component values for typical application
Component
Value
C1
100 µF
C2
100 nF
C3
220 nF
CBOOT
220 nF
COFF
1 nF
CPUL
10 nF
CREF1
33 nF
CREF2
100 nF
CEN
5.6 nF
CP
10 nF
D1
1N4148
D2
1N4148
R1
5 k6
Ω
R2
1 k8
Ω
R3
4 k7
Ω
R4
1 M
Ω
RDD
1 k
Ω
REN
100 k
Ω
RSENSE
0.6
Ω
ROFF
33 k
Ω
RPUL
47 k
Ω
RH1, RH2, RH3
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com