Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6229Q Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6229Q
Description  DMOS driver for three-phase brushless DC motor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229Q Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6229Q Datasheet HTML 14Page - STMicroelectronics L6229Q Datasheet HTML 15Page - STMicroelectronics L6229Q Datasheet HTML 16Page - STMicroelectronics L6229Q Datasheet HTML 17Page - STMicroelectronics L6229Q Datasheet HTML 18Page - STMicroelectronics L6229Q Datasheet HTML 19Page - STMicroelectronics L6229Q Datasheet HTML 20Page - STMicroelectronics L6229Q Datasheet HTML 21Page - STMicroelectronics L6229Q Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Circuit description
L6229Q
18/28
Doc ID 15209 Rev 3
5.6
Tacho
A tachometer function consists of a monostable, with constant off time (tPULSE), whose input
is one hall effect signal (H1). It allows developing an easy speed control loop by using an
external op amp, as shown in Figure 17. For component values refer to Application
Information section.
The monostable output drives an open drain output pin (TACHO). At each rising edge of the
hall effect sensors H1, the monostable is triggered and the MOSFET connected to pin
TACHO is turned off for a constant time tPULSE (see Figure 16). The off time tPULSE can be
set using the external RC network (RPUL, CPUL) connected to the pin RCPULSE. Figure 18
gives the relation between tPULSE and CPUL, RPUL. We have approximately:
tPULSE = 0.6 · RPUL · CPUL
where CPUL should be chosen in the range 1 nF … 100 nF and RPUL in the range
20 k
Ω … 100 kΩ.
By connecting the tachometer pin to an external pull-up resistor, the output signal average
value VM is proportional to the frequency of the hall effect signal and, therefore, to the motor
speed. This realizes a simple frequency-to-voltage converter. An op amp, configured as an
integrator, filters the signal and compares it with a reference voltage VREF, which sets the
speed of the motor.
Figure 16.
Tacho operation waveforms
V
M
t
PULSE
T
------------------ V
DD
⋅
=
T
t PULSE
H1
VTACHO
H2
H3
VM
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com