Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IN Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IN
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IN Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSP430F2012IN Datasheet HTML 41Page - Texas Instruments MSP430F2012IN Datasheet HTML 42Page - Texas Instruments MSP430F2012IN Datasheet HTML 43Page - Texas Instruments MSP430F2012IN Datasheet HTML 44Page - Texas Instruments MSP430F2012IN Datasheet HTML 45Page - Texas Instruments MSP430F2012IN Datasheet HTML 46Page - Texas Instruments MSP430F2012IN Datasheet HTML 47Page - Texas Instruments MSP430F2012IN Datasheet HTML 48Page - Texas Instruments MSP430F2012IN Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
OSR
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
10.00
100.00
1000.00
PW, or N
RSA
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
Typical Characteristics, SD16_A SINAD Performance Over OSR (MSP430F20x3)
SINAD PERFORMANCE
vs
OSR
(fSD16 = 1 MHz, SD16REFON = 1,SD16GAINx = 1)
Figure 23.
SD16_A, Performance (fSD16 = 1 MHz, SD16OSRx = 256, SD16REFON = 1) (MSP430F20x3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
SD16GAINx = 1
0.97
1.00
1.02
SD16GAINx = 2
1.90
1.96
2.02
SD16GAINx = 4
3.76
3.86
3.96
G
Nominal gain
3 V
SD16GAINx = 8
7.36
7.62
7.84
SD16GAINx = 16
14.56
15.04
15.52
SD16GAINx = 32
27.20
28.35
29.76
ΔG/ΔT
Gain temperature drift
SD16GAINx = 1(1)
3 V
15
ppm/
°C
SD16GAINx = 1
±0.2
EOS
Offset error
3 V
%FSR
SD16GAINx = 32
±1.5
SD16GAINx = 1
±4
±20
Offset error temperature
ppm
ΔEOS/ΔT
3 V
coefficient
FSR/
°C
SD16GAINx = 32
±20
±100
SD16GAINx = 1,
Common-mode input signal:
>90
VID = 500 mV, fIN = 50 Hz, 100 Hz
Common-mode rejection
CMRR
3 V
dB
ratio
SD16GAINx = 32,
Common-mode input signal:
>75
VID = 16 mV, fIN = 50 Hz, 100 Hz
SD16GAINx = 1, VIN = 500 mV,
DC PSR
DC power supply rejection
2.5 V to 3.6 V
0.35
%/V
VCC = 2.5 V to 3.6 V
(2)
AC power supply rejection
SD16GAINx = 1,
AC PSRR
3 V
>80
dB
ratio
VCC = 3 V ± 100 mV, fIN = 50 Hz
(1)
Calculated using the box method: (MAX(-40
°C to 85°C) - MIN(-40°C to 85°C)) / MIN(-40°C to 85°C) / (85°C - (-40°C))
(2)
Calculated using the ADC output code and the box method:
(MAX-code(2.5 V to 3.6 V) - MIN-code(2.5 V to 3.6 V)) / MIN-code(2.5 V to 3.6 V) / (3.6 V - 2.5 V)
Copyright
© 2005–2011, Texas Instruments Incorporated
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com