Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IN Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IN
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IN Datasheet(HTML) 46 Page - Texas Instruments

Back Button MSP430F2012IN Datasheet HTML 42Page - Texas Instruments MSP430F2012IN Datasheet HTML 43Page - Texas Instruments MSP430F2012IN Datasheet HTML 44Page - Texas Instruments MSP430F2012IN Datasheet HTML 45Page - Texas Instruments MSP430F2012IN Datasheet HTML 46Page - Texas Instruments MSP430F2012IN Datasheet HTML 47Page - Texas Instruments MSP430F2012IN Datasheet HTML 48Page - Texas Instruments MSP430F2012IN Datasheet HTML 49Page - Texas Instruments MSP430F2012IN Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
www.ti.com
SD16_A, Built-In Voltage Reference (MSP430F20x3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
SD16REFON = 1,
VREF
Internal reference voltage
3 V
1.14
1.20
1.26
V
SD16VMIDON = 0
-40
°C to 85°C
3 V
190
280
SD16REFON = 1,
IREF
Reference supply current
µA
SD16VMIDON = 0
105
°C
3 V
295
SD16REFON = 1,
TC
Temperature coefficient
3 V
18
50
ppm/
°C
SD16VMIDON = 0
SD16REFON = 1,
CREF
VREF load capacitance
100
nF
SD16VMIDON = 0(1)
SD16REFON = 1,
ILOAD
VREF(I) maximum load current
3 V
±200
nA
SD16VMIDON = 0
SD16REFON = 0
→ 1,
tON
Turn-on time
SD16VMIDON = 0,
3 V
5
ms
CREF = 100 nF
SD16REFON = 1,
DC power supply rejection
DC PSR
SD16VMIDON = 0,
2.5 V to 3.6 V
100
µV/V
ΔVREF/ΔVCC
VCC = 2.5 V to 3.6 V
(1)
There is no capacitance required on VREF. However, a capacitance of at least 100 nF is recommended to reduce any reference voltage
noise.
SD16_A, Reference Output Buffer (MSP430F20x3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
SD16REFON = 1,
VREF,BUF
Reference buffer output voltage
3 V
1.2
V
SD16VMIDON = 1
-40
°C to 85°C
385
600
Reference supply + reference
SD16REFON = 1,
IREF,BUF
3 V
µA
output buffer quiescent current
SD16VMIDON = 1
105
°C
660
Required load capacitance on
SD16REFON = 1,
CREF(O)
470
nF
VREF
SD16VMIDON = 1
SD16REFON = 1,
ILOAD,Max
Maximum load current on VREF
3 V
±1
mA
SD16VMIDON = 1
Maximum voltage variation vs
|ILOAD| = 0 to 1 mA
3 V
-15
+15
mV
load current
SD16REFON = 0
→ 1,
tON
Turn on time
SD16VMIDON = 1,
3 V
100
µs
CREF = 470 nF
SD16_A, External Reference Input (MSP430F20x3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VREF(I) Input voltage range
SD16REFON = 0
3 V
1
1.25
1.5
V
IREF(I)
Input current
SD16REFON = 0
3 V
50
nA
46
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com