Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IN Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IN
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IN Datasheet(HTML) 19 Page - Texas Instruments

Back Button MSP430F2012IN Datasheet HTML 15Page - Texas Instruments MSP430F2012IN Datasheet HTML 16Page - Texas Instruments MSP430F2012IN Datasheet HTML 17Page - Texas Instruments MSP430F2012IN Datasheet HTML 18Page - Texas Instruments MSP430F2012IN Datasheet HTML 19Page - Texas Instruments MSP430F2012IN Datasheet HTML 20Page - Texas Instruments MSP430F2012IN Datasheet HTML 21Page - Texas Instruments MSP430F2012IN Datasheet HTML 22Page - Texas Instruments MSP430F2012IN Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
Peripheral File Map
Table 14. Peripherals With Word Access
ADC10
ADC control 0
ADC10CTL0
01B0h
(MSP430F20x2)
ADC control 1
ADC10CTL1
01B2h
ADC memory
ADC10MEM
01B4h
ADC data transfer start address
ADC10SA
01BCh
SD16_A
General Control
SD16CTL
0100h
(MSP430F20x3)
Channel 0 Control
SD16CCTL0
0102h
Interrupt vector word register
SD16IV
0110h
Channel 0 conversion memory
SD16MEM0
0112h
Timer_A
Capture/compare register
TACCR1
0174h
Capture/compare register
TACCR0
0172h
Timer_A register
TAR
0170h
Capture/compare control
TACCTL1
0164h
Capture/compare control
TACCTL0
0162h
Timer_A control
TACTL
0160h
Timer_A interrupt vector
TAIV
012Eh
Flash Memory
Flash control 3
FCTL3
012Ch
Flash control 2
FCTL2
012Ah
Flash control 1
FCTL1
0128h
Watchdog Timer+
Watchdog/timer control
WDTCTL
0120h
Table 15. Peripherals With Byte Access
ADC10
Analog enable
ADC10AE
04Ah
(MSP430F20x2)
ADC data transfer control register 1
ADC10DTC1
049h
ADC data transfer control register 0
ADC10DTC0
048h
SD16_A
Channel 0 Input Control
SD16INCTL0
0B0h
(MSP430F20x3)
Analog Enable
SD16AE
0B7h
USI
USI control 0
USICTL0
078h
(MSP430F20x2 and MSP430F20x3)
USI control 1
USICTL1
079h
USI clock control
USICKCTL
07Ah
USI bit counter
USICNT
07Bh
USI shift register
USISR
07Ch
Comparator_A+
Comparator_A+ port disable
CAPD
05Bh
(MSP430F20x1)
Comparator_A+ control 2
CACTL2
05Ah
Comparator_A+ control 1
CACTL1
059h
Basic Clock System+
Basic clock system control 3
BCSCTL3
053h
Basic clock system control 2
BCSCTL2
058h
Basic clock system control 1
BCSCTL1
057h
DCO clock frequency control
DCOCTL
056h
Port P2
Port P2 resistor enable
P2REN
02Fh
Port P2 selection
P2SEL
02Eh
Port P2 interrupt enable
P2IE
02Dh
Port P2 interrupt edge select
P2IES
02Ch
Port P2 interrupt flag
P2IFG
02Bh
Port P2 direction
P2DIR
02Ah
Port P2 output
P2OUT
029h
Port P2 input
P2IN
028h
Port P1
Port P1 resistor enable
P1REN
027h
Port P1 selection
P1SEL
026h
Port P1 interrupt enable
P1IE
025h
Port P1 interrupt edge select
P1IES
024h
Port P1 interrupt flag
P1IFG
023h
Port P1 direction
P1DIR
022h
Port P1 output
P1OUT
021h
Port P1 input
P1IN
020h
Special Function
SFR interrupt flag 2
IFG2
003h
SFR interrupt flag 1
IFG1
002h
SFR interrupt enable 2
IE2
001h
SFR interrupt enable 1
IE1
000h
Copyright
© 2005–2011, Texas Instruments Incorporated
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com