Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IN Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IN
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IN Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSP430F2012IN Datasheet HTML 16Page - Texas Instruments MSP430F2012IN Datasheet HTML 17Page - Texas Instruments MSP430F2012IN Datasheet HTML 18Page - Texas Instruments MSP430F2012IN Datasheet HTML 19Page - Texas Instruments MSP430F2012IN Datasheet HTML 20Page - Texas Instruments MSP430F2012IN Datasheet HTML 21Page - Texas Instruments MSP430F2012IN Datasheet HTML 22Page - Texas Instruments MSP430F2012IN Datasheet HTML 23Page - Texas Instruments MSP430F2012IN Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
6 MHz
12 MHz
16 MHz
1.8 V
2.2 V
2.7 V
3.3 V
3.6 V
Supply Voltage −V
Supply voltage range,
during flash memory
programming
Supply voltage range,
during program execution
Legend :
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
www.ti.com
Absolute Maximum Ratings
(1)
Voltage applied at VCC to VSS
-0.3 V to 4.1 V
Voltage applied to any pin(2)
-0.3 V to VCC + 0.3 V
Diode current at any device terminal
±2 mA
Unprogrammed device
-55
°C to 150°C
Tstg
Storage temperature(3)
Programmed device
-40
°C to 150°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to VSS. The JTAG fuse-blow voltage, VFB, is allowed to exceed the absolute maximum rating. The voltage is
applied to the TEST pin when blowing the JTAG fuse.
(3)
Higher temperature may be applied during board soldering according to the current JEDEC J-STD-020 specification with peak reflow
temperatures not higher than classified on the device label on the shipping boxes or reels.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
During program execution
1.8
3.6
VCC
Supply voltage
V
During flash program/erase
2.2
3.6
VSS
Supply voltage
0
V
I version
-40
85
TA
Operating free-air temperature
°C
T version
-40
105
VCC = 1.8 V,
dc
6
Duty cycle = 50%
± 10%
fSYSTE
VCC = 2.7 V,
Processor frequency (maximum MCLK frequency)(1)(2)
dc
12
MHz
M
Duty cycle = 50%
± 10%
VCC ≥ 3.3 V,
dc
16
Duty cycle = 50%
± 10%
(1)
The MSP430 CPU is clocked directly with MCLK. Both the high and low phase of MCLK must not exceed the pulse width of the
specified maximum frequency.
(2)
Modules might have a different maximum input clock specification. See the specification of the respective module in this data sheet.
Note:
Minimum processor frequency is defined by system clock. Flash program or erase operations require a minimum VCC
of 2.2 V.
Figure 1. Safe Operating Area
20
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com