Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IN Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IN
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IN Datasheet(HTML) 23 Page - Texas Instruments

Back Button MSP430F2012IN Datasheet HTML 19Page - Texas Instruments MSP430F2012IN Datasheet HTML 20Page - Texas Instruments MSP430F2012IN Datasheet HTML 21Page - Texas Instruments MSP430F2012IN Datasheet HTML 22Page - Texas Instruments MSP430F2012IN Datasheet HTML 23Page - Texas Instruments MSP430F2012IN Datasheet HTML 24Page - Texas Instruments MSP430F2012IN Datasheet HTML 25Page - Texas Instruments MSP430F2012IN Datasheet HTML 26Page - Texas Instruments MSP430F2012IN Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
Low-Power Mode Supply Currents (Into VCC) Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
fMCLK = 0 MHz,
2.2 V
65
80
fSMCLK = fDCO = 1 MHz,
fACLK = 32,768 Hz,
Low-power mode 0
ILPM0,1MHz
BCSCTL1 = CALBC1_1MHZ,
µA
(LPM0) current(3)
3 V
85
100
DCOCTL = CALDCO_1MHZ,
CPUOFF = 1, SCG0 = 0,
SCG1 = 0, OSCOFF = 0
fMCLK = 0 MHz,
2.2 V
37
48
fSMCLK = fDCO(0, 0) ≈ 100 kHz,
Low-power mode 0
fACLK = 0 Hz,
ILPM0,100kHz
µA
(LPM0) current(3)
RSELx = 0, DCOx = 0,
3 V
41
52
CPUOFF = 1, SCG0 = 0,
SCG1 = 0, OSCOFF = 1
fMCLK = fSMCLK = 0 MHz, fDCO = 1
-40
°C to 85°C
22
29
2.2 V
MHz,
105
°C
31
fACLK = 32,768 Hz,
Low-power mode 2
-40
°C to 85°C
25
32
ILPM2
BCSCTL1 = CALBC1_1MHZ,
µA
(LPM2) current(4)
DCOCTL = CALDCO_1MHZ,
3 V
CPUOFF = 1, SCG0 = 0,
105
°C
34
SCG1 = 1, OSCOFF = 0
-40
°C
0.7
1.2
25
°C
0.7
1
2.2 V
85
°C
1.4
2.3
fDCO = fMCLK = fSMCLK = 0 MHz,
105
°C
3
6
Low-power mode 3
fACLK = 32,768 Hz,
ILPM3,LFXT1
µA
(LPM3) current(3)
CPUOFF = 1, SCG0 = 1,
-40
°C
0.9
1.2
SCG1 = 1, OSCOFF = 0
25
°C
0.9
1.2
3 V
85
°C
1.6
2.8
105
°C
3
7
-40
°C
0.4
0.7
25
°C
0.5
0.7
2.2 V
85
°C
1
1.6
fDCO = fMCLK = fSMCLK = 0 MHz,
fACLK from internal LF oscillator
105
°C
2
5
Low-power mode 3
ILPM3,VLO
(VLO),
µA
(LPM3) current(4)
-40
°C
0.5
0.9
CPUOFF = 1, SCG0 = 1,
SCG1 = 1, OSCOFF = 0
25
°C
0.6
0.9
3 V
85
°C
1.3
1.8
105
°C
2.5
6
-40
°C
0.1
0.5
fDCO = fMCLK = fSMCLK = 0 MHz,
25
°C
0.1
0.5
Low-power mode 4
fACLK = 0 Hz,
ILPM4
2.2 V/3 V
µA
(LPM4) current(5)
CPUOFF = 1, SCG0 = 1,
85
°C
0.8
1.5
SCG1 = 1, OSCOFF = 1
105
°C
2
4
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
The currents are characterized with a Micro Crystal CC4V-T1A SMD crystal with a load capacitance of 9 pF.
(3)
Current for brownout and WDT clocked by SMCLK included.
(4)
Current for brownout and WDT clocked by ACLK included.
(5)
Current for brownout included.
Copyright
© 2005–2011, Texas Instruments Incorporated
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com