Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1144 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1144
Description  PROGRAMMABLE, HIGH PERFORMANCE MULTI-PHASE, PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1144 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1144 Datasheet HTML 3Page - Semtech Corporation SC1144 Datasheet HTML 4Page - Semtech Corporation SC1144 Datasheet HTML 5Page - Semtech Corporation SC1144 Datasheet HTML 6Page - Semtech Corporation SC1144 Datasheet HTML 7Page - Semtech Corporation SC1144 Datasheet HTML 8Page - Semtech Corporation SC1144 Datasheet HTML 9Page - Semtech Corporation SC1144 Datasheet HTML 10Page - Semtech Corporation SC1144 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PROGRAMMABLE, HIGH PERFORMANCE
MULTI-PHASE, PWM CONTROLLER
SC1144
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
Preliminary - August 24, 1999
8
The SC1144 is patent pending
BILL OF MATERIAL
Item Qty
Reference
Value
Manufacturer
1
11
C2,C34,C36,C37,C38,C40,C42,C44,C45,C46,C47
1u,10V
AVX (818)883-7606
X7R
2
15
C3,C4,C5,C6,C7,C8,C10,C12,C15,C17,C22,C25,C39,C41,C
43
22u,10V
Murata (512)250-5082
PN #GRM235Y5V226Z010
3
2
C27,C31
.01u
AVX,Murata,Nichicon
4
2
C29,C28
100UF, 6.3v
Murata,Al. Elec.
5
1
C30
10uf, 6.3v
Murata,Al. Elec.
6
1
C32
.001
Murata
7
1
C33
.01u
Murata
8
1
C35
1000UF, 6.3v
Murata,Al. Elec.
9
1
C48
.1u
Murata,X7R
10
4
D1,D2,D3,D4
835L
Motorola
11
1
J1
INPUT
12
1
J2
osc
13
4
L1,L2,L3,L4
300nH, 8Amp
or 450nH, 8Amp
Falco (305)662-7276
PN #T025A2 or TO25O2
13A
4
L1,L2,L3,L4
300nH, 6Amp
Steward
PN# DI2220V301R-00
14
4
Q1,Q4,Q7,Q10
FMMT618
Zetex
15
4
Q2,Q5,Q8,Q11
20N03HL
Motorola
16
4
Q3,Q6,Q9,Q12
FMMT718
Zetex
19
2
R2,R9
10
Dale,any
20
6
R3,R5,R6,R8,R19,R20
2.2
Dale
21
1
R4
680
any
22
1
R7
250
any
23
1
R10
8.2k
any
24
1
R11
2.32k
any
25
1
R12
3k
any
26
4
R13,R14,R15,R16
51, 1/4W, 1206
Dale
27
1
R17
300k
any
28
1
R18
4.75k
any
29
4
R21,R22,R25,R26
10K
any
30
1
S1
Vout/Clk switch C&K
(800)cal-swch
31
1
U1
SC1144ABCSW
Semtech (805)498-2111
32
1
U2
PentiumII conn.
Foxconn (714)256-1880
Unless otherwise noted, all resistors are 1/10W, 5%, 0805 and all capacitors are 20%, 50v, 0805.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com