Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1144 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1144
Description  PROGRAMMABLE, HIGH PERFORMANCE MULTI-PHASE, PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1144 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1144 Datasheet HTML 1Page - Semtech Corporation SC1144 Datasheet HTML 2Page - Semtech Corporation SC1144 Datasheet HTML 3Page - Semtech Corporation SC1144 Datasheet HTML 4Page - Semtech Corporation SC1144 Datasheet HTML 5Page - Semtech Corporation SC1144 Datasheet HTML 6Page - Semtech Corporation SC1144 Datasheet HTML 7Page - Semtech Corporation SC1144 Datasheet HTML 8Page - Semtech Corporation SC1144 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PROGRAMMABLE, HIGH PERFORMANCE
MULTI-PHASE, PWM CONTROLLER
SC1144
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
Preliminary - August 24, 1999
1
The SC1144 is patent pending
Pentium is a registered trademark of Intel Corporation
BLOCK DIAGRAM
PIN CONFIGURATION
FEATURES
• Allows use of small surface mount components
• Ultra fast transient recovery time
• Wide, High frequency operating range
• Selectable 2, 3, 4 phase operation
• Floating feedback ground for remote sensing
• Precision load current sharing
• Selectable internal or external clock
• Soft start, Over current protection
• 5-bit DAC programmable output
• programmable clock, 200Khz-2Mhz per phase
APPLICATIONS
• High end servers and workstations
• High current/Ultra-fast transient microprocessors
• Voltage Regulator Modules
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DEVICE
(1)
PACKAGE
TEMP. (T
J)
SC1144ABCSW
SO-24
0 - 85°C
ORDERING INFORMATION
Note:
(1) Add suffix ‘TR’ for tape and reel.
DESCRIPTION
The SC1144 is a high performance, multi-phase
(PWM) controller designed for high power micropro-
cessors requiring ultra fast transient response, such as
the Pentium
®ll and beyond. Utilizing a novel and
unique design, the controller distributes the output load
across (up to) four converter channels by digitally
phase shifting the PWM outputs. This approach
greatly reduces the stress and heat on the output
stage components while lowering input ripple current
by as much as 80%. Accurate current sharing among
the four phases is achieved by precision design tech-
niques and trimming of critical elements.
The high speed transconductance error amplifier is
externally initialized using a soft-start capacitor allow-
ing the controller to “wake-up” without overshoot, thus
protecting the low voltage microprocessor loads. The
output drive voltage to the power MOSFETs is pro-
grammable to minimize switching losses in the drive
circuitry.
The floating feedback ground allows remote sense ca-
pability. The output voltage is digitally programmable
by means of a 5 bit DAC. A single resistor programs
the master clock frequency (8MHz max) or the con-
troller may be synchronized using an external oscilla-
tor. The number of operating phases is programmed
independently of the external clock. The parts features
under-voltage lock-out with hysteresis and over-
current protection.
(24-Pin SOIC)
Top View


Similar Part No. - SC1144

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1146 SEMTECH-SC1146 Datasheet
148Kb / 10P
VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
SC1146CSW SEMTECH-SC1146CSW Datasheet
148Kb / 10P
VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
SC1146CSW.TR SEMTECH-SC1146CSW.TR Datasheet
148Kb / 10P
VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
logo
List of Unclassifed Man...
SC11485 ETC1-SC11485 Datasheet
1Mb / 16P
HiCOLOR-16 Color Palette
SC11485CV ETC1-SC11485CV Datasheet
1Mb / 16P
HiCOLOR-16 Color Palette
More results

Similar Description - SC1144

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2639 NSC-LM2639 Datasheet
151Kb / 8P
5-Bit Programmable, High Frequency Multi-phase PWM Controller
logo
Semtech Corporation
SC1146 SEMTECH-SC1146 Datasheet
148Kb / 10P
VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
Multi-Phase PWM Controller
December 29, 2004
logo
National Semiconductor ...
LM2720 NSC-LM2720 Datasheet
149Kb / 8P
5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720_09 Datasheet
348Kb / 10P
5-Bit Programmable, High Frequency Multi-phase PWM Controller
logo
Micrel Semiconductor
MIC2111 MICREL-MIC2111 Datasheet
95Kb / 2P
Single-Phase, Multi-Mode, High-Performance, Step-Down PWM Controller
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
Multi-Phase PWM Controller
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
Multi-Phase PWM Controller
logo
Diodes Incorporated
AP3118 DIODES-AP3118 Datasheet
1Mb / 17P
HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com