Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1144 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1144
Description  PROGRAMMABLE, HIGH PERFORMANCE MULTI-PHASE, PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1144 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1144 Datasheet HTML 3Page - Semtech Corporation SC1144 Datasheet HTML 4Page - Semtech Corporation SC1144 Datasheet HTML 5Page - Semtech Corporation SC1144 Datasheet HTML 6Page - Semtech Corporation SC1144 Datasheet HTML 7Page - Semtech Corporation SC1144 Datasheet HTML 8Page - Semtech Corporation SC1144 Datasheet HTML 9Page - Semtech Corporation SC1144 Datasheet HTML 10Page - Semtech Corporation SC1144 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PROGRAMMABLE, HIGH PERFORMANCE
MULTI-PHASE, PWM CONTROLLER
SC1144
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
Preliminary - August 24, 1999
9
The SC1144 is patent pending
FUNCTIONAL DESCRIPTION
The SC1144 is a programmable, high performance,
multi-phase controller designed for the most demand-
ing DC/DC converter applications in which transient
response, space, input ripple current and component
form factor and cost are paramount. The SC1144
based dc/dc converter consists of four asynchronous
converters. The gate drives to the converters are alter-
nated sequentially by the SC1144 allowing equal shar-
ing of the load current among the stages. The high
clock frequency allows for smaller inductor value and
miniature surface mount, low inductance output capaci-
tors. Since each stage has ¼ the output current, the
conduction losses in each stage is reduced by a factor
of 1/16. Precision active trimming ensures 1% match-
ing of duty cycles among phases, thus ensuring the
heat and component stress is shared equally. This al-
lows use of lower cost components in each phase and
virtual elimination of heat sinks.
DECODER/BIAS GENERATOR/PWM CONTROLLER
The 8 MHz clock is divided down to 2 MHz for four
phase operation by the clock decoder. The start of the
output pulses are time shifted 90 degrees by the de-
coder with respect to each other. The Bias Generator
generates the ramps to each phase by a precision
trimmed current source and on-chip capacitors. The
decoder, which is synchronized to the bias generator
via the master clock, phase shifts the ramps and en-
ables the PWM controller sequentially. A resistor from
R
REF pin to FBG programs the frequency and ramp
time. The ramps are then compared to the error ampli-
fier output at the high speed PWM comparator inputs.
The oscilator master clock frequency is programmed as
follows:
Clock Freq=(8.2K/Rref)*8Mhz
ERROR AMPLIFIER
At the heart of the controller is an ultra-fast, transcon-
ductance error amplifier. Since the output inductor val-
ues can be selected to be a minimum, usually less than
a micro-Henry, the delays due to inductor ramp time are
minimized during transient load recovery. The higher
frequency of operation also allows use of much smaller
capacitance on the output. This means that the dc/dc
converter output capacitors “hold Time” is less. The er-
ror amplifier must therefore respond extremely fast
“Recover the Fort” after a transient. The SC1144 error
amplifier recovers to its normal duty cycle after applica-
tion of a full load transient within 2 usec maximum,
(largely dependant on input and output capacitance) and
usually within 1usec. This minimizes undershoot and
overshoot during application of a transient. Operation at
high frequency minimizes the output inductor thus allow-
ing faster current ramp to the output capacitors.
The effective gain of the error amplifier stays constant in
both VID ranges, keeping the loop gain constant regard-
less of output voltage range.
THEORY OF OPERATION
Fig. 4: V
OUT Ripple, VOUT = 2.0V, IOUT = 30A
Fig. 1: The four Gate Drives firing 90° out of phase.
V
OUT = 2.0V, IOUT = 10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com