Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1144 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1144
Description  PROGRAMMABLE, HIGH PERFORMANCE MULTI-PHASE, PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1144 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1144 Datasheet HTML 1Page - Semtech Corporation SC1144 Datasheet HTML 2Page - Semtech Corporation SC1144 Datasheet HTML 3Page - Semtech Corporation SC1144 Datasheet HTML 4Page - Semtech Corporation SC1144 Datasheet HTML 5Page - Semtech Corporation SC1144 Datasheet HTML 6Page - Semtech Corporation SC1144 Datasheet HTML 7Page - Semtech Corporation SC1144 Datasheet HTML 8Page - Semtech Corporation SC1144 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PROGRAMMABLE, HIGH PERFORMANCE
MULTI-PHASE, PWM CONTROLLER
SC1144
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
Preliminary - August 24, 1999
4
The SC1144 is patent pending
NOTE: (1) All logic inputs and outputs are open collector TTL compatible.
PIN DESCRIPTION
Pin #
Pin Name
Pin Function
1V
CC 5V
Supply voltage input (5V nominal)
2
Divsel
Connect to Gnd for four phase operation and to logic High for three Phase
operation.
3
Clksel
Clock Select: Logic high selects internal clock. Logic low selects external
clock.
4
Extclk
External Clock Input. The output frequency is determined by (Clock Input
Freq.)/4. Output freq.= (Clock Input)/4. Pull up to Vcc5v to select internal
clock.
5R
REF
Connects to external reference resistor. Sets the operating frequency of
the internal clock and the ramp time for the PWM. Reference voltage at
this pin is 2.05V. Trimmed to set 250µA at 8MHz.
6VID0
(1)
Programming Input (LSB)
7VID1
(1)
Programming Input
8VID2
(1)
Programming Input
9VID3
(1)
Programming Input
10
VID4
(1)
Programming Input (MSB)
11
OC+
Over current comparator. Non-Inverting input.
12
OC-
Over current comparator. Inverting input.
13
COMP
Compensation Pin. Compensation is acheived by connecting a capacitor in
series with a resistor between this pin and FBG. A 300k ohm resistor must
also be directly connected between this pin and FBG.
14
FB
Feedback input connected to supply output.
15
B
GOUT
Bandgap Reference Output. Output resistance=3kohm. Must be bypassed
with 4.7nf -100nf capacitor to FBG. This capacitor programs the soft start
time.
16
FBG
Feedback Ground. This pin must be connected to return side of output
caps. This pin is floating, (within one diode drop of GND pin).
17
ENABLE
Connects to 5V to enable. Connect to GND to disable entire device.
18
GND
Ground Pin
19
DRV2
Phase 2 output
20
DRV0
Phase 0 output
21
V
CC12V
Supply voltage for the FET Drivers/DRV0-3
22
DRV1
Phase 1 output
23
DRV3
Phase 3 output
24
OutV
Sets the maximum DRV0-3 drive voltage in order to reduce switching
losses in the external MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com