Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1144 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1144
Description  PROGRAMMABLE, HIGH PERFORMANCE MULTI-PHASE, PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1144 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1144 Datasheet HTML 1Page - Semtech Corporation SC1144 Datasheet HTML 2Page - Semtech Corporation SC1144 Datasheet HTML 3Page - Semtech Corporation SC1144 Datasheet HTML 4Page - Semtech Corporation SC1144 Datasheet HTML 5Page - Semtech Corporation SC1144 Datasheet HTML 6Page - Semtech Corporation SC1144 Datasheet HTML 7Page - Semtech Corporation SC1144 Datasheet HTML 8Page - Semtech Corporation SC1144 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PROGRAMMABLE, HIGH PERFORMANCE
MULTI-PHASE, PWM CONTROLLER
SC1144
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
Preliminary - August 24, 1999
3
The SC1144 is patent pending
ELECTRICAL CHARACTERISTICS (Cont.)
Unless otherwise noted: T
A = 25°C, VCC5V = 5V, VCC12V = 12V, 4-Phase operation.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Bgout Voltage
V
Bgout
Vid = 00000
2.05
V
Bgout Impedance
R
O_Bg
3
K
Ω
External Clock Freq. Range
F
ext_CK
.80
8.0
8.5
MHz
Oscillator Frequency Accuracy
F
OSC
Iref = 250µA
7.2
8.0
8.8
MHz
Internal Clock Freq. Range
F
int_CK
.80
8.0
8.5
MHz
Match DRV0-3
∆
D
Duty cycle deviation from Avg.
-1
+1
%
PWM Off Time
Toff
25
%
Drive Voltage Range
OutV
Output Freq. = 2MHz/Phase
V
O = 2.000V
510
12
V
Overcurrent Comparator,
Comparator, Common Mode
Range
OCC_CMR
3
15
V
OC+I/P bias Current
IB_OC+
Vin = 5V,Roc+<20Kohm
+75
185
+250
µ
Α
OC-I/P bias Current
IB_OC-
Vin = 5V,Roc-<20Kohm
+75
125
+250
µ
Α
Input Offset Voltage
VOS_OCC
Vin = 5V
10
mV
Feedback Input Impedance
Ri_FB
V
O = 2.00V
12
ΚΩ
Maximum Duty Cycle
Dmax
FB=0V
75
%
Mimimum Duty Cycle
Dmin
FB=4.0V
0
%
CONVERTER SPECIFICATIONS, Reference Application Circuit
Output Accuracy Over Set
Range
V
OUT
VID 0-4 = 0000-1111
V
CC5V = 5.0V
-1
+1
%
Load Regulation
V
O = 2.000V
I
O = 3A - 20A
.025
.05
%/A
Line Regulation
V
CC5V = 5V, VO = 2.000V
V
IN = 4-6V, (vin separated from
Vcc5v) I
O = 5A , Clk = external
.15
%/V
O
OUT
I
V
∆
∆
IN
OUT
V
V
∆
∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com