Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1062N-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TEA1062N-S16-R
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062N-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TEA1062N-S16-R Datasheet HTML 1Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 2Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 3Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 4Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 5Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 6Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 7Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 8Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 13
www.unisonic.com.tw
QW-R108-011.C
PIN CONFIGURATIONS
Fig. 1 Pin Configurations
PIN DESCRIPTIONS
PIN NO
PIN NAME
I/O
DESCRIPTION
1
LN
I
Positive line terminal
2
GAS1
I
Gain adjustment; transmitting amplifier
3
GAS2
I
Gain adjustment; transmitting amplifier
4
QR
O
Non-inverting output, receiving amplifier
5
GAR
I
Gain adjustment; receiving amplifier
6
MIC-
I
Inverting microphone input
7
MIC+
I
On-inverting microphone input
8
STAB
I
Current stabilizer
9
VEE
Negative line terminal
10
IR
I
Receiving amplifier input
11
DTMF
I
Dual-tone multi-frequency input
12
MUTE/MUTE
I
Mute input; TEA1062N high actived
TEA1062AN low actived
13
Vcc
Positive supply decoupling
14
REG
I
Voltage regulator decoupling
15
AGC
I
Automatic gain control input
16
SLPE
I
Slope (DC resistance) adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com