Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1062N-S16-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # TEA1062N-S16-R
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062N-S16-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button TEA1062N-S16-R Datasheet HTML 5Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 6Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 7Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 8Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 9Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 10Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 11Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 12Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R108-011.C
4
9
QR
VEE
9
4
QR
VEE
4
9
QR
VEE
(2)
(1)
(a)
(b)
(c)
Fig.11 Alternative receiver arrangement
(a) Dynamic earpiece.
(b) Magnetic earpiece. The resistor marked(1) may be connected to prevent distortion(inductive load)
(c) Piezoelectric earpiece. The earpiece marked(2) is required to increase the phase margin (capacitive load)
-6
-4
-2
0
0
20406080
100
120
140
Iline (mA)
R9=20
78.7k
110k
140k
(1) (2) (3)
(3)
(1)
(2)
R6=
R6=
R6=
Fig. 12 Variation of gain with line current, with R6 as a parameter.
→Gv
(dB)
R6=∞
Rexch(
Ω)
400
600
800
1000
R6(k
Ω)
36
100
78.7
×
×
Vexch(V)
48
140
110
93.1
82
60
×
×
120
102
Table 1 Values of resistor R6 for optimum line loss compensation for various usual values of exchange
supply voltage (Vexch) and exchange feeding bridge resistance(Rexch);R9=20
Ω.
10
6
11
7
12
13
1
4
5
2
3
16
8
15
14
9
MIC-
MIC+
REG AGC STAB SLPE
GAS2
GAS1
GAR
QR
LN
VCC
VEE
IR
DTMF
MUTE
R1 620
Ω
100
μF
C4
100pF
C7 1nF
C6
100pF
R4
100k
Ω
R7
68k
Ω
R9
20
Ω
R5
3.6k
Ω
R6
C3
4.7
μF
10
μF
C1
100
μF
Vi
Vi
RL
600
Ω
C8 1nF
10 TO 140 mA
Vo
Fig.13 Test circuit defining voltage gain of MIC+, MIC- and DTMF inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com