Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1062N-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TEA1062N-S16-R
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062N-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  TEA1062N-S16-R Datasheet HTML 1Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 2Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 3Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 4Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 5Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 6Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 7Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 8Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 13
www.unisonic.com.tw
QW-R108-011.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Positive Continuous Line Voltage
VLN
12
V
Repetitive Line Voltage During
Switch-On Or Line Interruption
VLN(RL)
13.2
V
Repetitive Peak Line Voltage for a 1 ms Pulse/5s(R10=13
Ω,
R9=20
Ω(see Fig.15))
VLN(RPL)
28
V
Line Current (Note1) (R9=20
Ω)
ILINE
140
mA
VI(+)
VCC+0.7
V
Voltage on All Other Pins
VI(-)
-0.7
V
Total Power Dissipation (Note2) (R9=20
Ω)
PD
640
mW
Junction Temperature
TJ
+125
°C
Operating Ambient Temperature Range
TOPR
-25 ~ +75
°C
Storage Temperature Range
TSTG
-40 ~ +125
°C
Note: 1. Mostly dependent on the maximum required Ta and the voltage between LN and SLPE (see Figs 6 ).
2. Calculated for the maximum ambient temperature specified Ta=75
°C and a maximum junction temperature
of 125
°C.
3. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Thermal Resistance From Junction to Ambient in Free Air
θJA
75
°C/W
ELECTRICAL CHARACTERISTICS (ILINE=11~140mA; VEE=0V; f=800Hz; Ta=25°C; unless otherwise
specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY; LN AND VCC(PINS 1 AND 13)
ILINE =1mA
1.6
V
ILINE =4mA
1.9
V
ILINE =15mA
3.55
4.0
4.25
V
ILINE =100mA
4.9
5.7
6.5
V
Voltage Drop Over Circuit,
Between LN and VEE
VLN
MIC inputs open
ILINE =140mA
7.5
V
Variation with Temperature
ΔVLN/ΔT ILINE =15mA
-0.3
mV/K
ILINE =15mA, RVA(LN to REG) =68kΩ
3.5
V
Voltage Drop Over Circuit,
Between LN and VEE with
External Resistor RVA
ILINE =15mA,
RVA(REG to SLPE) =39kΩ
4.5
V
Supply Current
ICC
VCC=2.8V
0.9
1.35
mA
Ip=1.2mA; MUTE=HIGH
2.2
2.7
V
TEA1062N
ILINE=15mA
lp=0mA; MUTE=HIGH
3.4
V
Ip=1.2mA; MUTE=LOW
2.2
2.7
V
Supply Voltage
Available for
Peripheral Circuitry TEA1062AN
VCC
ILINE=15mA
lp=0mA; MUTE=LOW
3.4
V
MICROPHONE INPUTS MIC+ AND MIC- (PINS 6 AND 7)
Input impedance (differential)
Between MIC- and MIC+
64
k
Ω
Input impedance (sigle-ended)
MIC- or MIC+ to VEE
∣
Zi∣
32
k
Ω
Common Mode Rejection Ratio
CMRR
82
dB
Voltage Gain MIC+ or MIC- to LN
Gv
ILINE=15mA, R7=68kΩ
50.5
52.0
53.5
dB
Gain Variation with Frequency
at f=300Hz and f=3400Hz
ΔGvf
w.r.t.800Hz
±
0.2
dB
Gain Variation with Temperature
at -25
°C and +75°C
ΔGvT
w.r.t.25
°C, without R6; ILINE =50mA
±
0.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com