Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1062N-S16-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # TEA1062N-S16-R
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062N-S16-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button TEA1062N-S16-R Datasheet HTML 5Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 6Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 7Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 8Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 9Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 10Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 11Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 12Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 13
www.unisonic.com.tw
QW-R108-011.C
Fig.8 Supply arrangement
Fig.9 Typical current Ip available from Vcc peripheral circuitry with Vcc≧2.2V.
curve (a) is valid when the receiving amplifier is not driven or when MUTE =LOW (UTC TEA1062N is HIGH) .curve(b)
is valid when MUTE=HIGH(UTC TEA1062N is LOW) and the receiving amplifier is driven;
Vo(rms)=150mV,RL=150
Ω.The supply possibilities can be increased simply by setting the voltage drop over the
circuit VLN to a high value by means of resistor RVA connected between REG and SLPE.
7
6
MIC+
MIC-
(1)
7
6
MIC+
MIC-
VEE
VCC
13
9
7
6
MIC-
MIC+
(a)
(b)
(c)
Fig. 10 Alternative microphone arrangement
(a) Magnetic or dynamic microphone. The resistor marked(1) may be connected to decrease the terminating
impedance.
(b) Electret microphone.
(c) Piezoelectric microphone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com