Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1062N-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TEA1062N-S16-R
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062N-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TEA1062N-S16-R Datasheet HTML 1Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 2Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 3Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 4Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 5Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 6Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 7Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 8Page - Unisonic Technologies TEA1062N-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 13
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R108-011.C
LOW VOLTAGE TELEPHONE
TRANSMISSION CIRCUIT WITH
DIALLER INTERFACE
DESCRIPTION
The UTC TEA1062N/TEA1062AN is a bipolar integrated circuit
performing all speech and line interface function, required in the
fully electronic telephone sets. It performs electronic switching
between dialing speech. The circuit is able to operate down to D.C.
line voltage of 1.6V (with reduced performance) to facilitate the use
of more telephone sets in parallel.
FEATURES
* Low d.c. line voltage; operates down to 1.6V
(excluding polarity guard).
* Voltage regulator with adjustment static resistance.
* Provides supply with limited current for external circuitry.
* Symmetrical high-impedance inputs (64kΩ)
for dynamic, magnetic or piezoelectric microphones.
* Asymmetrical high-impedance inputs (32kΩ)
for electrets microphones.
* DTMF signal input with confidence tone.
* Mute input for pulse or DTMF dialing.
* Receivering amplifier for several types of earphones.
* Large amplification setting range on microphone and earpiece
amplifiers.
* Line loss compensation facility, line current depedant
(microphone and earpiece amplifiers).
* Gain control adaptable to exchange supply.
* Possibility to adjust the d.c. line voltage
DIP-16
SOP-16
Lead-free:
TEN1062NL/TEN1062ANL
Halogen-free:
TEN1062NG/TEN1062ANG
ORDERING INFORMATION
Order Number
Normal
Lead Free
Halogen Free
Package
Packing
TEA1062N-D16-T
TEA1062NL-D16-T
TEA1062NG-D16-T
DIP-16
Tube
TEA1062N-S16-R
TEA1062NL-S16-R
TEA1062NG-S16-R
SOP-16
Tape Reel
TEA1062AN-D16-T
TEA1062ANL-D16-T
TEA1062ANG-D16-T
DIP-16
Tube
TEA1062AN-S16-R
TEA1062ANL-S16-R
TEA1062ANG-S16-R
SOP-16
Tape Reel


Similar Part No. - TEA1062N-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA1062NG-D16-T UTC-TEA1062NG-D16-T Datasheet
334Kb / 14P
LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
TEA1062NG-S16-R UTC-TEA1062NG-S16-R Datasheet
334Kb / 14P
LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
TEA1062NL-D16-T UTC-TEA1062NL-D16-T Datasheet
334Kb / 14P
LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
More results

Similar Description - TEA1062N-S16-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
Versatile telephone transmission circuit with dialler interface
March 1994
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
Versatile Telephone Transmission Circuit with Dialler Interface
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com