Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406GCTSTR Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC1406GCTSTR
Description  Power Supply Controller for Portable Pentium II & III SpeedStep Processors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406GCTSTR Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC1406GCTSTR Datasheet HTML 11Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 12Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 13Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 14Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 15Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 16Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 17Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 18Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
ã 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1406G
Requirements:
The critical processor requirements are:
1.
V
CC650MAXDC = 1.65V
2.
V
CC650MINDC = 1.485V
3.
V
CC650MAXTRANS = 1.715V
4.
V
CC650MINTRANS = 1.485V
5.
V
CC500MAXDC = 1.45V
6.
V
CC500MINDC = 1.25V
7.
V
CC500MAXTRANS = 1.45V
8.
V
CC500MINTRANS = 1.25V
9.
I
CC650MAX = 13.6A
10. I
CC650SG = 2.2A
11. I
CC500MAX = 9.5A
12. I
CC500SG = 1.7A
13. dI
CC/dt = 1400A/mS (at the processor. Local decoupling
reduces the requirement at the regulator.)
The system requirements are to minimize the number of
capacitors, and:
1.
V
ADAPTERMAX = 21V
2.
V
BATTMIN = 10V
Basic Calculations:
The 0.85% DAC output voltage accuracy accounts for an
uncertainty of 14mV at the 1.60V setting. In addition, 20mV of
resistive drop is expected in the power distribution from the
current sense resistor to the processor. A footnote in the
processor specification reads that the long-term voltage should
never exceed 1.65V. As a result, the nominal value of the no-
load voltage [V (0)] should be set accordingly.
A.
The full-load voltage (V (fl)) is set similarly, including tolerance
and DC drop.
B.
The regulator is to be designed with 40mV of output ripple, so
the effective IMVP voltage drop (V
IMVP) is:
C.
Output Inductor and Capacitor Selection:
Output capacitance and ESR values are a function of transient
requirements and output inductor value. The following figure
illustrates the response of a hysteretic converter to a positive
transient:
Figure 3 - Hysteretic Converter Response to a Positive
Transient
In a hysteretic converter with adaptive voltage positioning, like
the SC1406, two conditions determine if you meet the positive
transient requirements:
D.
E.
The first condition is easy to see — if the ESR is too high, the
transient response will fail.
In the second condition, because the hysteretic converter
responds in < 100ns, the capacitor does not droop very far
before the inductor current starts ramping up. (This is not true
of control schemes where time constants in the error amplifier
cause delays.) Once the inductor current starts to rise, the
increasing DV of the capacitor is offset by reduced DV from the
ESR, so DV is constant. If the DV due to the charge taken from
the capacitor before the inductor current reaches the load
current (see the shaded area above) is less than V
IMVP, then the
transient response will pass.
The maximum ESR requirement is:
F.
For the second condition, we need to know the inductor value,
which is a function of the highest desired switching frequency.
The maximum frequency occurs at the highest input voltage. As
a reasonable compromise between efficiency and component
size, a maximum switching frequency of 300kHz is desired.
VNL
VCC650MAXDC
VTOL
−
:=
VNL
1.636 V
=
VFL
VCC650MINDC
VTOL
+
VDIST
+
:=
VFL
1.519 V
=
VIMVP
VNL
VFL
−
VRIPPLE
2
−
:=
VIMVP 0.098 V
=
(
)
VIMVP
ICC650MAX ICC650SG
−
() ESR
⋅
≥
VIMVP deltaV COUT
()
≥
ESRMAX
VIMVP
ICC650MAX ICC650SG
−
()
:=
ESRMAX 8.579 10
3
−
×Ω
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com