Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406GCTSTR Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC1406GCTSTR
Description  Power Supply Controller for Portable Pentium II & III SpeedStep Processors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406GCTSTR Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC1406GCTSTR Datasheet HTML 20Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 21Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 22Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 23Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 24Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 25Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 26Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 27Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 28Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
ã 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1406G
Output Ripple Voltage @ V
IN = 6.0V
Output Ripple Voltage @ V
IN = 18V
Figure 16 - V
OUT = 1.6V, IOUT = 2.0A
Figure 17 - V
OUT = 1.6V, IOUT = 12.0A
Figure 18 - V
OUT = 1.6V, IOUT = 2.0A
Figure 19 - V
OUT = 1.6V, IOUT = 12.0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com