Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406GCTSTR Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC1406GCTSTR
Description  Power Supply Controller for Portable Pentium II & III SpeedStep Processors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406GCTSTR Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC1406GCTSTR Datasheet HTML 20Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 21Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 22Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 23Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 24Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 25Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 26Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 27Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 28Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
ã 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1406G
Load Regulation & Efficiency
86. 50%
87. 00%
87. 50%
88. 00%
88. 50%
89. 00%
89. 50%
1. 100
1 . 300
1. 500
1 . 700
1 . 900
Vo u t , V
Ef f i ci ency vs . Vout
84. 00%
85. 00%
86. 00%
87. 00%
88. 00%
89. 00%
90. 00%
4. 000
6. 000
8. 000
1 0. 000
1 2. 000
1 4. 000
1 6. 000
1 8. 000
20. 000
22. 000
Vi n , V
Vout=1 . 35V
Vout=1 . 6V
1. 300
1. 350
1. 400
1. 450
1. 500
1. 550
1. 600
5. 000
7. 000
9. 000
1 1 . 000
1 3. 000
1 5. 000
1 7. 000
1 9. 000
21 . 000
23. 000
Vi n , V
Vout = 1 . 60V
Vout = 1 . 35V
86.50%
87.00%
87.50%
88.00%
88.50%
89.00%
89.50%
1.100
1.300
1.500
1.700
1.900
Vout, V
Efficiencyvs. Vout
Line Regulation & Efficiency
Efficiency vs Output Voltage
Efficiency vs Input Voltage
Figure 20 - VIN = 12V, VO = 1.6V
Figure 21 - VOUT = 1.6V, IOUT = 8.0A
Figure 22 - VIN = 12V, IOUT = 8.0A
Figure 23 - VOUT = 1.3V, IOUT = 8.0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com