Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406GCTSTR Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC1406GCTSTR
Description  Power Supply Controller for Portable Pentium II & III SpeedStep Processors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406GCTSTR Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC1406GCTSTR Datasheet HTML 12Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 13Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 14Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 15Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 16Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 17Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 18Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 19Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
ã 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1406G
Rearranging equation 1), we select the minimum inductor value.
G.
This value of inductance is required up to maximum load.
Inductors with a “swinging choke” characteristic, where the zero
current value of inductance is much less than the full load
current inductance can be used, as long as the above restriction
is met. A value of 1.5uH is used to allow tolerances. Then, the
worst-case (low input voltage) response time (the time for the
current to reach the new transient value) is:
H.
Add ~100ns for the SC1405/06 response. Since the shaded
area is triangular, the total charge taken out of the capacitor =
(DI ? Dt) / 2. Q = C ? DV = (DI ? Dt) / 2, therefore;
I.
This condition applies only to the positive transient. For
negative load steps, the capacitance also has to be large
enough to absorb the energy in the inductance. Since:
J.
Using Panasonic SP-Caps, the EEFUE0E221R is 220uF at 2.5V
with 15mW ESR. Two are sufficient to meet ESR requirements,
but three are required to meet the capacitance requirement,
when tolerances are considered. The Sanyo POSCAP 4TPC150
is a 150uF capacitor with a maximum ESR specification of
45mW; six are required to meet the ESR requirement. The
resulting 900mF exceeds the capacitance requirement.
Other Component Selection:
As a compromise between current sensing accuracy, efficiency,
and availability, a current sense resistor of 3mW is used. The
power dissipation is I2xR, or 555mW, so choose a 1W or larger
resistor for design margin.
The connections to CMP, CMPREF, CL, and CLREF (pins 25
through 28) are two differential pairs connected to the current
sense resistor. In order to cancel out common-mode noise,
resistor pairs R3-R4 and R5-R6 should be equal. For the time
being, assume R3=R4=R5=R6=1kW. These values may be
adjusted later if required.
The current limit is a function of peak current and should be set
at about 125% of the peak to allow for some overshoot of
inductor current during transients. For L=1.5uH, and
F=300kHz:
K.
So, set the current limit at approximately 18.5A. Using equation
10):
L.
M.
Using equation 6) we calculate R
DAC:
N.
The offset resistor, R22, is calculated from equation 8):
O.
Equation 5) is used to calculate R1 by calculating a new value of
V
HYS which accounts for the IMVP and offset dividers, and then
plugging the resulting value into equation 3).
P.
Q.
LMIN
dMIN
VINMAX VDAC
−
() ESR
MAX
RCS
+
()
⋅
FS VRIPPLE
⋅
⋅
:=
LMIN 1.426 10
6
−
×
H
=
dT
LMIN ICC650MAX ICC650SG
−
()
⋅
VINMIN
VDAC
−
:=
dT
1.936
10
6
−
×
s
=
CMINP
ICC650MAX ICC650SG
−
() dT 100 10 9
−
⋅
sec
⋅
+
()
⋅
2VIMVP
⋅
:=
C
1.186
10
4
−
×
F
=
CMINN
LMIN
ICC650MAX
2
ICC650SG
2
−


VCC650MAXTRANS
2
VFL
2
−


⋅
:=
CMINN 4.045 10
4
−
×
F
=
IPEAK
ICC650MAX
VINMAX VDAC
−
() d
MIN
⋅
2LMIN
⋅
FS
⋅
+
:=
IPEAK 15.327 A
=
ICLMAX IPEAK 1.25
⋅
:=
ICLMAX 19.159A
=
RCLSET
3VREF
⋅
RCLOH
⋅
RCS ICLMAX
⋅
:=
RCLSET
8.873
10
4
×Ω
=
RDAC
VIMVP ICC650MAX RCS
⋅
−
() R
CORE
⋅
ICC650MAX RCS
⋅
:=
RDAC 1.397 10
3
×Ω
=
ROFF
ROH
VNL RDAC
⋅
VDAC
+
VNL
VDAC
1
−
:=
ROFF 1.068 10
5
×Ω
=
VHYS
VRIPPLE RCORE ROFF
⋅
ROH RDAC
⋅
−
()
⋅
ESR
RCS RCORE
⋅
ROFF
ROH
+
()
RCORE ROFF
⋅
RDAC ROH
⋅
−
⋅
+
2 ESR
⋅
RCORE
⋅
ROFF
ROH
+
()
⋅


⋅
:=
RHYS
2
VREF ROH
⋅
VHYS
⋅
:=
V HYS
0.027 V
=
R HYS
1.281
10
5
×Ω
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com