Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406GCTSTR Datasheet(PDF) 27 Page - Semtech Corporation

Part # SC1406GCTSTR
Description  Power Supply Controller for Portable Pentium II & III SpeedStep Processors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406GCTSTR Datasheet(HTML) 27 Page - Semtech Corporation

Back Button SC1406GCTSTR Datasheet HTML 20Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 21Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 22Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 23Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 24Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 25Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 26Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 27Page - Semtech Corporation SC1406GCTSTR Datasheet HTML 28Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27
ã 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1406G
0
0.5
1
1.5
2
2.5
0
2040
6080
100
Temperature, ’C
DisCharge, mA
Charge, uA
Figure 30
Figure 31
Figure 32
Figure 33
Figure 34
Figure 35
0
0.5
1
1.5
2
2.5
0
2040
6080
100
Temperature, ’C
DisCharge, mA
Charge, uA
0.0
0.5
1.0
1.5
2.0
0
2040
6080
100
Temperature, ’C
0
10
20
30
40
50
60
70
80
0
2040
6080
100
Temperature ’C
1.5V
2.5V
99.0%
99.5%
100.0%
100.5%
101.0%
0.0
0.5
1.0
1.5
2.0
Current, A
95%
96%
97%
98%
99%
100%
101%
102%
103%
0
50
100
150
200
Current, mA
CLK LDO Load Regulation-Normalized for 100mA
I/O LDO Load Regulation-Normalized for 1A
Low Battery Monitor Threshold vs Temperature
LDOs Drive Currents vs Temperature
Core Soft-Start Current vs Temperature
LDOs Soft-Start Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com