Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2982 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2982
Description  50mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2982 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2982 Datasheet HTML 1Page - Semtech Corporation SC2982 Datasheet HTML 2Page - Semtech Corporation SC2982 Datasheet HTML 3Page - Semtech Corporation SC2982 Datasheet HTML 4Page - Semtech Corporation SC2982 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
ã 2001 Semtech Corp.
www.semtech.com
SC2982
POWER MANAGEMENT
PRELIMINARY
Semtech Corporation
Power Management Products Division
652 Mitchell Rd., Newbury Park, CA 91320
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
Outline Drawing - SOT-23-5
Land Pattern - SOT-23-5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com