Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2982 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2982
Description  50mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2982 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2982 Datasheet HTML 1Page - Semtech Corporation SC2982 Datasheet HTML 2Page - Semtech Corporation SC2982 Datasheet HTML 3Page - Semtech Corporation SC2982 Datasheet HTML 4Page - Semtech Corporation SC2982 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ã 2001 Semtech Corp.
www.semtech.com
SC2982
POWER MANAGEMENT
PRELIMINARY
e
c
i
v
e
De
g
a
k
c
a
P
R
T
X
.
X
-
K
S
C
2
8
9
2
C
S
)
2
()
1
(
3
2
-
T
O
S
n
i
p
5
Notes:
(1) Where -X.X denotes voltage options. Available
voltages are: 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 3.6V, 3.8V,
4.0V and 5.0V.
(2) Only available in tape and reel packaging. A reel
contains 3000 devices.
n
i
Pe
m
a
N
n
i
Pn
o
it
c
n
u
F
n
i
P
1N
I
V.t
u
p
n
i
e
g
a
tl
o
v
y
l
p
p
u
S
2D
N
G.
d
n
u
o
r
G
3N
E.
d
e
s
u
g
n
i
e
b
t
o
n
fi
N
I
V
o
t
t
c
e
n
n
o
C
.t
u
p
n
i
e
l
b
a
n
e
h
g
i
h
e
v
it
c
A
4P
Y
B
e
s
i
o
n
t
u
p
t
u
o
e
c
u
d
e
r
o
t
D
N
G
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
r
o
ti
c
a
p
a
c
F
n
0
1
a
t
c
e
n
n
o
C
.
s
s
a
p
y
b
e
c
n
e
r
e
f
e
R
5O
V.t
u
p
t
u
o
e
g
a
tl
o
V
Pin Configuration
Ordering Information
Block Diagram
Pin Descriptions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com