Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2982 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2982
Description  50mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2982 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2982 Datasheet HTML 1Page - Semtech Corporation SC2982 Datasheet HTML 2Page - Semtech Corporation SC2982 Datasheet HTML 3Page - Semtech Corporation SC2982 Datasheet HTML 4Page - Semtech Corporation SC2982 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ã 2001 Semtech Corp.
www.semtech.com
SC2982
POWER MANAGEMENT
PRELIMINARY
Notes:
(1) Defined as the input to output differential at which the output voltage drops 100mV below the value measured
at a differential of 1V.
(2) As the load resistance further decreases, the SC2982 folds back the output current to approximately 150mA at
V
O = 0V.
Electrical Characteristics
Unless specified: VIN = VO
(NOM) + 1V, IO = 100µA, CO = 1µF, VEN ³ 1.8V. Values in bold apply over the full operating temperature range.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
ti
n
U
ti
m
i
L
t
n
e
rr
u
C
)
2
(
I
M
I
L
O
V
(
>
O
V
)
M
O
N
(
)
%
5
-
0
0
2
A
m
o
it
a
R
n
o
it
c
e
j
e
R
e
l
p
p
i
RR
R
S
PI
O
C
,
z
H
0
0
1
=
f
,
A
µ
0
0
1
=
P
Y
B
,
F
n
0
1
=
C
O
F
µ
0
1
=
0
5b
d
n
o
it
a
l
u
g
e
R
l
a
m
r
e
h
T
5
0
.
0W
/
%
e
s
i
o
N
t
u
p
t
u
O
S
M
Re
o
n
B
W
I
,
z
H
k
0
5
o
t
z
H
0
0
3
=
O
,
A
m
1
=
C
P
Y
B
C
,
F
n
0
1
=
O
F
µ
0
1
=
0
3s
m
r
V
µ
e
g
a
tl
o
V
t
u
p
n
I
e
l
b
a
n
EV
N
E
F
F
O
P
/
O
=
w
o
L
4
.
0
V
N
O
P
/
O
=
h
g
i
H
8
.
1
V
t
n
e
rr
u
C
t
u
p
n
I
e
l
b
a
n
EI
N
E
V
N
E £
V
4
.
01
0
.
0
-
1
-
A
µ
V
N
E ³
V
8
.
15
0
1A
µ
0
2
D
O
P
(%)
V
∆



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com