Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2982 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2982
Description  50mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2982 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2982 Datasheet HTML 1Page - Semtech Corporation SC2982 Datasheet HTML 2Page - Semtech Corporation SC2982 Datasheet HTML 3Page - Semtech Corporation SC2982 Datasheet HTML 4Page - Semtech Corporation SC2982 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.semtech.com
SC2982
50mA Ultra Low Dropout, Low
Noise Micropower Linear Regulator
POWER MANAGEMENT
PRELIMINARY
Revision 1, January 2001
The SC2982 is a 50mA ultra low dropout linear
regulator with a built in CMOS/TTL logic level enable
switch. It is designed specifically for battery powered
applications where low quiescent current and low
dropout are critical for battery longevity.
The SC2982 uses a Semtech proprietary internal PNP
device for the pass element, providing a low dropout
voltage of 100mV at a load of 50mA, while maintaining a
ground pin current of 600µA.
The output noise is reduced by placing a 10nF capacitor
on pin 4 (bypass).
Each device contains a bandgap reference, error
amplifier, PNP pass element, thermal and current
limiting circuitry and resistor divider network for setting
output voltage.
The SC2982 is packaged in a 5 pin SOT-23 surface mount
package for a very small footprint and requires only a
1µF capacitor on the output for a minimum number of
external components.
u Battery Powered Systems
u Cellular Telephones
u Cordless Telephones
u Pagers
u Personal Digital Assistants
u Portable Instrumentation
u Cameras
u Portable Consumer Equipment
u PCMCIA Cards
u Ultra low dropout voltage - 100mV @ 50mA
u Guaranteed 50mA output current
u Low ground pin current at all loads
u <1µA quiescent current in shutdown
u Wide input supply voltage range 2.5V to 16V
u Wide output voltage range
u Excellent line regulation
u Industrial temperature range
u Surface mount packaging (5 pin SOT-23)
EN
VIN
VO
+
C
1uF
U1
SC2982
1
2
3
4
5
VIN
GND
EN
BYP
VO
+
Co
1uF
C
10nF
IN
BYP
Description
Features
Applications
Typical Application Circuit
Notes:
(1) C
IN is needed if the device is far from the supply’s filter capacitors, or for operation from a battery. A value of 1µF
or greater should be used. C
IN may be a tantalum or aluminum electrolytic capacitor.
(2) C
O should be a 1µF or greater tantalum or aluminum electrolytic capacitor. Larger value capacitors will improve
the overall transient response. Due to their very low ESR, ceramic capacitors should not be used.
(3) C
BYP should be placed as close as possible to pin 4 and ground. A 10nF ceramic capacitor is recommended.
(4) EN should be tied to VIN if the shutdown feature is not required. Maximum EN voltage = VIN.


Similar Part No. - SC2982

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SC2999 SANYO-SC2999 Datasheet
131Kb / 5P
NPN Epitaxial Planar Silicon Transistor(HF Amp Applications)
logo
France Joint
SC29X40X7 FRANCEJOINT-SC29X40X7 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
SC29X41X5 FRANCEJOINT-SC29X41X5 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
SC29X50X10 FRANCEJOINT-SC29X50X10 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
More results

Similar Description - SC2982

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC112 SEMTECH-SC112 Datasheet
58Kb / 5P
150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Analog Intergrations Co...
AIC1727 AIC-AIC1727 Datasheet
126Kb / 7P
50mA Low Dropout Linear Regulator
logo
Linear Technology
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
logo
Semtech Corporation
SC11222CSK.TR SEMTECH-SC11222CSK.TR Datasheet
140Kb / 5P
150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
logo
Linear Technology
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
logo
Linear Technology
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
logo
Monolithic Power System...
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
Ultra Low Noise, Low Dropout 120mA Linear Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com