Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2982 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2982
Description  50mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2982 Datasheet(HTML) 2 Page - Semtech Corporation

  SC2982 Datasheet HTML 1Page - Semtech Corporation SC2982 Datasheet HTML 2Page - Semtech Corporation SC2982 Datasheet HTML 3Page - Semtech Corporation SC2982 Datasheet HTML 4Page - Semtech Corporation SC2982 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ã 2001 Semtech Corp.
www.semtech.com
SC2982
POWER MANAGEMENT
PRELIMINARY
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
I
N
I
V0
2
+
o
t
3
.
0
-V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
P
D
d
e
ti
m
i
L
y
ll
a
n
r
e
t
n
IW
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
q
A
J
6
5
2W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
q
C
J
1
8W
/
C
°
t
n
e
i
b
m
A
g
n
it
a
r
e
p
Oe
g
n
a
R
e
r
u
t
a
r
e
p
m
e
TT
A
5
8
+
o
t
0
4
-C
°
n
o
it
c
n
u
J
g
n
it
a
r
e
p
Oe
g
n
a
R
e
r
u
t
a
r
e
p
m
e
TT
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
+
o
t
5
6
-C
°
e
r
u
t
a
r
e
p
m
e
T
d
a
e
Lc
e
S
0
1
)
g
n
ir
e
d
l
o
S
(T
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
E
V
D
S
E
2V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
ti
n
U
e
g
n
a
R
e
g
a
tl
o
V
y
l
p
p
u
SN
I
V
5
.
26
1
V
e
g
a
tl
o
V
t
u
p
t
u
OO
V1
-1
+%
3
-3
+
e
r
u
t
a
r
e
p
m
e
T
e
g
a
tl
o
V
t
u
p
t
u
O
t
n
e
i
c
if
f
e
o
C
C
T0
4C
°
/
m
p
p
n
o
it
a
l
u
g
e
R
e
n
i
LG
E
R
)
E
N
I
L
(
O
V
(
=
N
I
V
)
M
O
N
(
V
6
1
o
t
)
V
1
+6
0
.
02
1
.
0V
/
%
5
1
.
0
n
o
it
a
l
u
g
e
R
d
a
o
LG
E
R
)
D
A
O
L
(
I
O
A
m
0
5
o
t
A
m
1
.
0
=1
0
0
.
04
0
0
.
0A
m
/
%
7
0
0
.
0
e
g
a
tl
o
V
t
u
o
p
o
r
D
)
1
(
V
D
I
O
A
µ
0
0
1
=5
0
1V
m
5
2
I
O
A
m
0
5
=0
0
10
5
1V
m
0
0
2
t
n
e
rr
u
C
n
i
P
d
n
u
o
r
GI
D
N
G
I
O
A
µ
0
0
1
=0
85
2
1A
µ
0
5
1
I
O
A
m
0
5
=0
0
60
0
0
1A
µ
0
0
5
1
V
N
E
)
n
w
o
d
t
u
h
s
(
V
4
.
0
<1
0
.
0
5
A
µ
Absolute Maximum Ratings
Electrical Characteristics
Unless specified: VIN = VO
(NOM) + 1V, IO = 100µA, CO = 1µF, VEN ³ 1.8V. Values in bold apply over the full operating temperature range.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com