Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7623WPB3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV7623WPB3
Description  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623WPB3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV7623WPB3 Datasheet HTML 3Page - STMicroelectronics STV7623WPB3 Datasheet HTML 4Page - STMicroelectronics STV7623WPB3 Datasheet HTML 5Page - STMicroelectronics STV7623WPB3 Datasheet HTML 6Page - STMicroelectronics STV7623WPB3 Datasheet HTML 7Page - STMicroelectronics STV7623WPB3 Datasheet HTML 8Page - STMicroelectronics STV7623WPB3 Datasheet HTML 9Page - STMicroelectronics STV7623WPB3 Datasheet HTML 10Page - STMicroelectronics STV7623WPB3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
STV7623
Functional description
Doc ID 018939 Rev 1
7/27
2.2
Device power supply
The STV7623 must be used with the following conditions when operating:
–
VP - VN < 75 V
–
VP-DGND > 10 V
–DGND-VN > 10V
Figure 4.
Device power supply
2.3
Power sequencing
To prevent the device from being damaged by latchup, the power ON/OFF sequence it is
recommended to follow the procedure below:
–
Power OFF => ON: DVDD -> VN -> VP
–
Power ON => OFF, VP -> VN -> DVDD
AM08733V1
Logic input
VP
DVDD
DGND
VN
Output 1 to 480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com