Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7623WPB3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV7623WPB3
Description  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623WPB3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV7623WPB3 Datasheet HTML 6Page - STMicroelectronics STV7623WPB3 Datasheet HTML 7Page - STMicroelectronics STV7623WPB3 Datasheet HTML 8Page - STMicroelectronics STV7623WPB3 Datasheet HTML 9Page - STMicroelectronics STV7623WPB3 Datasheet HTML 10Page - STMicroelectronics STV7623WPB3 Datasheet HTML 11Page - STMicroelectronics STV7623WPB3 Datasheet HTML 12Page - STMicroelectronics STV7623WPB3 Datasheet HTML 13Page - STMicroelectronics STV7623WPB3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Absolute maximum rating
STV7623
10/27
Doc ID 018939 Rev 1
4
Absolute maximum rating
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 5.
Absolute maximum ratings (VSS =0V, 25 °C)
Symbol
Parameter
Value
Unit
VDD
Digital supply range
-0.3 to +4.0
V
VP
Positive voltage supply
-0.3 to +50
V
VN
Negative voltage supply
+0.3 to -50
V
Vp-Vn
Voltage difference
90
V
VIN
Logic input voltage range
-0.3 to DVDD+0.3
mV
Ipout
Driver output current x(1) (2) (3)
1.
Measurements done on one single output, x. The other outputs are either not used or are connected to
output x. Assumes junction temperature remains less than Tjmax during measurement.
2.
All transient current measurements are made under conditions close to those encountered in a typical
application (that is, with duration of any output current spike always less than 300 ns).
3.
These parameters are measured during STMicroelectronics’ internal qualification which includes
temperature characterization on standard as well as corner batches of the process. These parameters are
not tested in production.
- 70 to +35
mA
Idout
Diode output current
(1) (2) (3)
-200 to +300
mA
Vout
Output voltage range
-0.3 to +90
V
VESD
ESD susceptibility, human body model (100 pF
discharged through 1.5 K
Ω), on all except the VCC
pins(4)
2kV
Tjmax
Maximum junction temperature
-40 to +100
°C
Tstg
Storage temperature range
(die)
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com