Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7623WPB3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV7623WPB3
Description  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623WPB3 Datasheet(HTML) 5 Page - STMicroelectronics

  STV7623WPB3 Datasheet HTML 1Page - STMicroelectronics STV7623WPB3 Datasheet HTML 2Page - STMicroelectronics STV7623WPB3 Datasheet HTML 3Page - STMicroelectronics STV7623WPB3 Datasheet HTML 4Page - STMicroelectronics STV7623WPB3 Datasheet HTML 5Page - STMicroelectronics STV7623WPB3 Datasheet HTML 6Page - STMicroelectronics STV7623WPB3 Datasheet HTML 7Page - STMicroelectronics STV7623WPB3 Datasheet HTML 8Page - STMicroelectronics STV7623WPB3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
STV7623
Description
Doc ID 018939 Rev 1
5/27
In the pinout diagram:
●
TEST is used to test the device.
POL
In
Polarity pin
When POL is low, VP and VN are swapped
functionally at the output pins level.
This signal is assumed static.
OUT1..OUT480
Out
Driver output pins
The output voltage is either VP or VN for driving
the gate electrode, depending on the data stored
in the shift register. It is assumed that only up to 4
outputs are changing level simultaneously.
VP
Power
Power supply
High voltage supply (eg +50 V)
DVDD
Power
Power supply
Digital power supply
DGND
Power
Power supply
Digital ground
VN
Power
Power supply
Negative supply
TEST
In
Test pin
Test pin (must be grounded in application)
LENGTH
In
Nb of active
outputs
When LENGTH =0, enable 480 outputs
When LENGTH =1, enable 400 outputs
This signal is assumed static
JUSTIFY
In
Partial output
justify mode
Only applicable when LENGTH=1
When JUSTIFY = 0, use outputs 0 to 399
When JUSTIFY = 1, use outputs 80 to 479
This signal is assumed static.
Table 2.
Pin description (continued)
Pin name
I/O
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com