Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7623WPB3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV7623WPB3
Description  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623WPB3 Datasheet(HTML) 1 Page - STMicroelectronics

  STV7623WPB3 Datasheet HTML 1Page - STMicroelectronics STV7623WPB3 Datasheet HTML 2Page - STMicroelectronics STV7623WPB3 Datasheet HTML 3Page - STMicroelectronics STV7623WPB3 Datasheet HTML 4Page - STMicroelectronics STV7623WPB3 Datasheet HTML 5Page - STMicroelectronics STV7623WPB3 Datasheet HTML 6Page - STMicroelectronics STV7623WPB3 Datasheet HTML 7Page - STMicroelectronics STV7623WPB3 Datasheet HTML 8Page - STMicroelectronics STV7623WPB3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
August 2011
Doc ID 018939 Rev 1
1/27
27
STV7623
480 output high-voltage gate driver
Features
■ 2-level high voltage output gate driver
■ 480 channels with -40/+35 mA source/sink
output current capability
■ 75 V output swing within +/- 45 V limits
■ 3.0 to 3.6 V digital power supply
■ 1.8 V CMOS input signal compatibility
■ Selectable 480 or 400 outputs
■ Direct input to bidirectional shift registers
■ Selectable polarity and blanking function
■ High voltage BCD process technology
■ Bumped dice in tray
■ Output stage similar to STV7622
■ PCB-less compatible dice
Description
The STV7623 is a 1-bit x 480 shift register with
dual rail high voltage/medium current output, with
global blank and polarity control.
The maximum shift frequency starts from 1 MHz
for a 1.8 V type input signal, up to 10 MHz for a
3.3 V type input signal. This generic device can
be used for segmented/dot matrix
electroluminescent displays to drive an array of
organic electronic transistors, or for technologies
related to e-Paper/e-Reader/digital signage
solutions.
The device can be daisy-chained for various
display resolutions.
STV7623 die
Table 1.
Device summary
Order code
Temperature
Package
Packing
STV7623WPB3
-25
°C to +70°C
Bumped dice
3-inch tray
www.st.com


Similar Part No. - STV7623WPB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
STV7620F STMICROELECTRONICS-STV7620F Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
26-Feb-2004
STV7620M STMICROELECTRONICS-STV7620M Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
STV7620S STMICROELECTRONICS-STV7620S Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
More results

Similar Description - STV7623WPB3

ManufacturerPart #DatasheetDescription
logo
NEC
UPD160083 NEC-UPD160083 Datasheet
240Kb / 22P
480-OUTPUT TFT-LCD SOURCE DRIVER
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
480 OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
480 OUTPUT TFT-LCD SOURCE DRIVER
logo
Infineon Technologies A...
6EDL04I06PT INFINEON-6EDL04I06PT_16 Datasheet
818Kb / 25P
High voltage gate driver IC
Revision 2.6, 05.08.2016
2EDL23I06PJ INFINEON-2EDL23I06PJ Datasheet
1,013Kb / 23P
High voltage gate driver IC
Revision 2.2, 01.06.2016
2EDL05I06PF INFINEON-2EDL05I06PF_16 Datasheet
1Mb / 22P
High voltage gate driver IC
Revision 2.6, 01.06.2016
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
High voltage gate driver IC
Revision 1.0, 2013-07-26
logo
Renesas Technology Corp
SLG5NT021-200000V RENESAS-SLG5NT021-200000V Datasheet
322Kb / 9P
High Voltage Gate Driver
February 9, 2022
SLG55022 RENESAS-SLG55022 Datasheet
346Kb / 10P
High Voltage Gate Driver
9-Feb-2022
SLG55021-200010 RENESAS-SLG55021-200010 Datasheet
323Kb / 9P
High Voltage Gate Driver
9-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com