Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7623WPB3 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV7623WPB3
Description  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623WPB3 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV7623WPB3 Datasheet HTML 10Page - STMicroelectronics STV7623WPB3 Datasheet HTML 11Page - STMicroelectronics STV7623WPB3 Datasheet HTML 12Page - STMicroelectronics STV7623WPB3 Datasheet HTML 13Page - STMicroelectronics STV7623WPB3 Datasheet HTML 14Page - STMicroelectronics STV7623WPB3 Datasheet HTML 15Page - STMicroelectronics STV7623WPB3 Datasheet HTML 16Page - STMicroelectronics STV7623WPB3 Datasheet HTML 17Page - STMicroelectronics STV7623WPB3 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Electrical characteristics
STV7623
14/27
Doc ID 018939 Rev 1
5.3
Timing requirements
DVDD = 3.3 V, VP = +30 V, VN = -45 V, Tamb = 25 °C, Fclk= 1 MHz, VILmax = 0.2 × DVDD,
VIHmin = 0.8 × DVDD
Table 10.
AC timing characteristics
Symbol
Parameter
Value
Unit
Min
Typ
Max
t
PHL1
t
PLH1
Delay of power output change
after CLK transition
- High to low
- Low to high
–100
–
ns
t
PHL2
t
PLH2
Delay of power output change
after POL transition
- High to low
- Low to high
–100
–
ns
t
PHL3
t
PLH3
Delay of power output change
after BLANK transition
- High to low
- Low to high
–100
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com