Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221 Datasheet(PDF) 18 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 18 Page - ams AG

Back Button AS8221_2 Datasheet HTML 14Page - ams AG AS8221_2 Datasheet HTML 15Page - ams AG AS8221_2 Datasheet HTML 16Page - ams AG AS8221_2 Datasheet HTML 17Page - ams AG AS8221_2 Datasheet HTML 18Page - ams AG AS8221_2 Datasheet HTML 19Page - ams AG AS8221_2 Datasheet HTML 20Page - ams AG AS8221_2 Datasheet HTML 21Page - ams AG AS8221_2 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
AS8221
Datasheet - Application In form atio n
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
18 - 41
9 Application Information
System Description. Note that the state diagram does not include all the transitions described in Table 7.
Figure 9. State Diagram
Prefix of “WHILE” is an event and suffix in brackets checks the flags or in case of EN and STBN the input condition. For example: VREC_VBAT
WHILE (EN=0 AND STBN=0).
After the event VBAT supply voltage recovery is detected, the transition is performed if EN and STBN are “low”.
Power Off
Normal
Receive Only
Go to Sleep
Standby
Sleep
EN=0 WHILE (STBN=1)
EN=1 WHILE (STBN=1)
WAK
E
WHIL
E (E
N=1
AND
STB
N=1
) TH
EN
(V
REC_V
CC)
OR
V
REC_V
CC W
HILE
(EN
=1 A
ND
STB
N=1)
UV_VCC
UV_VBAT THEN (RESET_WAKE)
OR
UV_VIO THEN (RESET_WAKE)
From any State (except
Power Off)
EN=0 WHILE (STBN=0)
OR
UV_VCC
EN=1 WHILE (STBN=0)
OR
WAKE WHILE (EN=1 AND STBN=0)
OR
VREC_VCC WHILE (EN=1 AND STBN=0)
Timer = tSLEEP
WA
KE
WH
ILE
(E
N=
0 A
ND
ST
BN
=0
)
OR
VR
EC
_V
BA
T
WH
ILE
(E
N=
0 A
ND
ST
BN
=0
)
OR
VR
EC
_V
IO
WH
ILE
(E
N=
0 A
ND
ST
BN
=0
)
OR
VR
EC
_V
IO
WH
ILE
(U
V_
VC
C)
STBN=1 WHILE (EN=0)
OR
WAKE WHILE (EN=0 AND STBN=1)
OR
VREC_VBAT WHILE (EN=0 AND STBN=1)
OR
VREC_VIO WHILE (EN=0 AND STBN=1)
Input:
EN = 1
STBN = 1
Output:
INH1 = 1
INH2 = 1
Input:
EN = 1
STBN = 0
Output:
INH1 = 1
INH2 = float
Input:
EN = 0
STBN = 1
Output:
INH1 = 1
INH2 = 1
Input:
EN = 0
STBN = 0
Output:
INH1 = 1
INH2 = float
Input:
EN = x
STBN = 0
Output:
INH1 = float
INH2 = float
UV_VBAT WHILE (UV_VCC)
OR
UV_Vcc WHILE (UV_VBAT)
WAKE WHILE (EN=0 AND STBN=0)
OR
UV_VCC WHILE (EN=0 AND STBN=0)
OR
VREC_VCC WHILE (EN=0 AND STBN=0)
OR
WHILE (UV_VCC)
(EN=0 OR EN=1)
OR
(STBN=1 OR STBN=0) WHILE (UV_VBAT OR
UV_VIO)
OR
UV_VBAT OR UV_VIO OR UV_VCC
OR
VREC_VCC
UV_VBAT: Undervoltage event and/or flag for VBAT supply
voltage
UV_VIO: Undervoltage event and/or flag for VIO supply voltage
UV_VCC: Undervoltage event and/or flag for VCC supply voltage
VREC_VBAT: Voltage recovery event and/or flag for VBAT supply
voltage
VREC_VIO: Voltage recovery event and/or flag for VIO supply
voltage
VREC_VCC: Voltage recovery event and/or flag for VCC supply
voltage
WAKE: Wake event and/or flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com