Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221 Datasheet(PDF) 19 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 19 Page - ams AG

Back Button AS8221_2 Datasheet HTML 15Page - ams AG AS8221_2 Datasheet HTML 16Page - ams AG AS8221_2 Datasheet HTML 17Page - ams AG AS8221_2 Datasheet HTML 18Page - ams AG AS8221_2 Datasheet HTML 19Page - ams AG AS8221_2 Datasheet HTML 20Page - ams AG AS8221_2 Datasheet HTML 21Page - ams AG AS8221_2 Datasheet HTML 22Page - ams AG AS8221_2 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
AS8221
Datasheet - Application In form atio n
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
19 - 41
9.1 Fail Silent Behavior
9.1.1 RxEN / BGE timeout
In case no edges on RxEN and BGE within tTxEN_timeout are detected, the transmitter will stop transmitting the signals on RxD to the bus pins.
9.1.2 State Transitions due to Under Voltage Detection
In case of VBAT or VIO undervoltage is detected, SLEEP mode will be entered regardless the status of EN and STBN.
In case VCC undervoltage is detected, STANDBY mode will be entered regardless the status of EN and STBN.
VBAT and VIO undervoltage detection have higher priority than VCC undervoltage detection.
In case undervoltage at VBAT and VCC is detected, POWER-OFF mode is entered (bus state: Idle_HZ).
9.1.3 State Transitions due to Voltage Recovery Detection
If the voltage recovers the device will enter the mode selected by the EN and STBN pins, in case no undervoltage is present at the other
supply pins.
Starting from the POWER-OFF, the device enters the state selected by the host input pins (EN, STBN) only if VBAT or VCC recovers (VBAT
≥ VBATTHH or VCC ≥ VCCTHH) while VIO is available (undervoltage flag of VIO flag not set). If the VIO undervoltage flag is set, the STANDBY
mode will be entered. In both cases the Power-On flag is set.
If VBAT
≤ VBATTHL and VCC ≤ VCCTHL the device will be in POWER-OFF state, thus the bus wires are not terminated (bus state: Idle_HZ).
9.2 Mode Transitions
In case of power-off event, the device enters POWER-OFF regardless VIO undervoltage flag, wake-up flags and regardless the selection at the
host input pins.
Starting from the POWER-OFF the device enters STANDBY only in case a power on event occurs.
Starting from every operating mode the device enters SLEEP in case VBAT or VIO undervoltage flag is set regardless the VCC undervoltage flag,
the wake-up flag and the state of the host input pins.
Starting from every operating mode except SLEEP the device enters STANDBY in case VCC undervoltage flag is set and VBAT and VIO
undervoltage flags are not set, regardless the wake-up flag indication and the host input pins state.
Starting from a low-power mode the device enters the operation mode indicated by the host input pins if a wake-up event occurs.
In case all the undervoltage flags are reset the operation mode is selected by the wake-up flag and the host pins according to Table 6.
Where:
H = Digital level high, L = Digital level low, X = Do not care!, Floating = The analog output is not driven.
Table 6. Pin Signalling and Operating Modes
Inputs
Operation Mode
OutPut
STBN
EN
RxD
ERRN
RxEN
INH1
INH2
HH
NORMAL
L
Bus = Data_0
NOT [Error flag]
L
Bus = Active
HH
H
Bus = Idle or Data_1
H
Bus = Idle
H
L
RECEIVE-ONLY
L
Bus = Data_0
NOT [Error flag]
L
Bus = Active
HH
H
Bus = Idle or Data_1
H
Bus = Idle
L
H
GO-TO-SLEEP
NOT [Wake-up flag]
NOT [Wake-up flag]
NOT [Wake-up flag]
H
Floating
L
L
STANDBY
NOT [Wake-up flag]
NOT [Wake-up flag]
NOT [Wake-up flag]
H
Floating
L
X
SLEEP
NOT [Wake-up flag]
NOT [Wake-up flag]
NOT [Wake-up flag]
Floating
Floating
X
X
POWER-OFF
H
L
H
Floating
Floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com