Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221 Datasheet(PDF) 23 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 23 Page - ams AG

Back Button AS8221_2 Datasheet HTML 19Page - ams AG AS8221_2 Datasheet HTML 20Page - ams AG AS8221_2 Datasheet HTML 21Page - ams AG AS8221_2 Datasheet HTML 22Page - ams AG AS8221_2 Datasheet HTML 23Page - ams AG AS8221_2 Datasheet HTML 24Page - ams AG AS8221_2 Datasheet HTML 25Page - ams AG AS8221_2 Datasheet HTML 26Page - ams AG AS8221_2 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
AS8221
Datasheet - Application In form atio n
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
23 - 41
9.4.6 Error Flag (ERROR)
The ERROR is signalled on the ERRN pin according to Table 6 and Table 8.
The flag is set if at least one of the error flags in chapters 9.4.2 to 9.4.5 is set. The flag will be reset if none of the flags in chapters 9.4.2 to 9.4.5
is set.
9.5 Status Flags
9.5.1 Local Wake Flag (LWAKE)
See chapter 8.7 Wake-Up Events on page 16
9.5.2 Remote Wake Flag (RWAKE)
see chapter 8.7 Wake-Up Events on page 16
9.5.3 Power on Flag (PWON)
The PWON is set leaving the POWER-OFF state and it is reset entering a low-power mode after a non-low-power mode.
9.6 Error Flags and Status Flags Read-Out
The readout mechanism consists of two information groups:
1. Error read-out
2. Status information read-out
The read-out mechanism as serial transmission on Pin EN and ERRN:
The error flags and the status flags can be read-out by applying a clock signal to pin EN in a non-low-power mode. A falling edge on pin EN starts
the read-out loading the content of the error/status flag into the shift register and signaling the error flag on the ERRN pin. On the second falling
edge the first flag (Bit 0) will be shifted out. The ERRN data is valid after tRO_EN_ERRN. If EN pin keeps on toggling after the last flag (Bit 15) the
next flag again is Bit 0. The complete list of bits is shown in Table 10. If no transition is detected on pin EN for longer than tRO_EN_TIMEOUT the
device enters the operation mode selected by the host pins.
Figure 10. Timing of the Read-out Mechanism
Table 9. Read-out Mechanism and Transceiver States
State
Enabled / Disabled
NORMAL mode
Enabled
RECEIVE-ONLY mode
Enabled
STANDBY mode
Disabled
GO-TO-SLEEP mode
Disabled
SLEEP mode
Disabled
EN
ERRN
50% VIO
ERROR FLAG
Bit 0
Bit 1
Bit 2
t < tRO_EN_TIMEOUT
tRO_EN_ERRN
t > tRO_EN__TIMEOUT
ERRN
ERRN
50% VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com