Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221 Datasheet(PDF) 26 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 26 Page - ams AG

Back Button AS8221_2 Datasheet HTML 22Page - ams AG AS8221_2 Datasheet HTML 23Page - ams AG AS8221_2 Datasheet HTML 24Page - ams AG AS8221_2 Datasheet HTML 25Page - ams AG AS8221_2 Datasheet HTML 26Page - ams AG AS8221_2 Datasheet HTML 27Page - ams AG AS8221_2 Datasheet HTML 28Page - ams AG AS8221_2 Datasheet HTML 29Page - ams AG AS8221_2 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
AS8221
Datasheet - Application In form atio n
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
26 - 41
9.9 Transmitter
The transmitter generates out of a digital input signal on TxD the FlexRay differential bus voltage. The transmitter is only active in NORMAL
mode if BGE is on logical high and TxEN is on logical low.
Figure 12. Transmitter Characteristics (TxD
→ BUS)
Figure 13. Transmitter Characteristics (TxEN
→ BUS)
VTxD
VBUS
-VBUS_DIFF_Idle
+ VBUS_DIFF_Idle
VBUS_DIFF_D1
VBUS_DIFF_D0
tTxD_BUS01
tTxD_BUS10
tBUS01
tBUS01
Data1: x * tBIT
Data0: x * tBIT
Data1: x * tBIT
Data0: x * tBIT
80% * VBUS_DIFF
20% * VBUS_DIFF
30% * VIO
70% * VIO
VTxEN
VBUS
-VBUS_DIFF_Idle
+ VBUS_DIFF_Idle
VBUS_DIFF_D1
VBUS_DIFF_D0
tTxEN_BUS_Active_Idle
tBUS_Idle_Active
tBUS_Active_Idle
300 mV
- 300 mV
30% * VIO
70% * VIO
tTxEN_BUS_Idle_Active
< tTxEN_timeout
< tTxEN_timeout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com