Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221 Datasheet(PDF) 27 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 27 Page - ams AG

Back Button AS8221_2 Datasheet HTML 23Page - ams AG AS8221_2 Datasheet HTML 24Page - ams AG AS8221_2 Datasheet HTML 25Page - ams AG AS8221_2 Datasheet HTML 26Page - ams AG AS8221_2 Datasheet HTML 27Page - ams AG AS8221_2 Datasheet HTML 28Page - ams AG AS8221_2 Datasheet HTML 29Page - ams AG AS8221_2 Datasheet HTML 30Page - ams AG AS8221_2 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
AS8221
Datasheet - Application In form atio n
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
27 - 41
Figure 14. Timing Characteristics (BGE
→ BUS)
In NORMAL and RECEIVE-ONLY mode the transmitter drives on the bus Idle in case no data are transmitted. In STANDBY, GO-TO-SLEEP and
SLEEP mode the transmitter drives Idle_LP on the bus pins. In POWER-OFF mode the bus pins shows Idle_HZ.
9.10 Receiver
The Receiver generates from the FlexRay differential bus voltage a digital signal on the RxD and RxEN pins. RxD shows the data (Data0 and
Data1) and RxEN shows the bus idle and activity status received on the bus pins. The Receiver is only active in NORMAL and RECEIVE-ONLY
mode.
Figure 15. Timing Characteristics of the Bus Signals to RxD and RxEN
VTxEN
VBUS
-VBUS_DIFF_Idle
+ VBUS_DIFF_Idle
VBUS_DIFF_D1
VBUS_DIFF_D0
tTxEN_BUS_Active_Idle
tBUS_Idle_Active
tBUS_Active_Idle
300 mV
- 300 mV
30% * VIO
70% * VIO
tTxEN_BUS_Idle_Active
< tTxEN_timeout
< tTxEN_timeout
VBUS
-VBUS_DIFF_Idle
+ VBUS_DIFF_Idle
tRxD_FALL
VBUS_ActiveHigh
VData1
VBUS_ActiveLow
VData0
VRxEN
30% * VIO
70% * VIO
VRxD
30% * VIO
70% * VIO
tBUSActivityReaction
tBUS_RxD10
tBUS_RxD01
tRxD_RISE
tBUSIdleReaction
Data0: x * tBIT
Data1: x * tBIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com