Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2901F Datasheet(PDF) 10 Page - Rohm

Part # BA2901F
Description  Ground Sense Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901F Datasheet(HTML) 10 Page - Rohm

Back Button BA2901F Datasheet HTML 6Page - Rohm BA2901F Datasheet HTML 7Page - Rohm BA2901F Datasheet HTML 8Page - Rohm BA2901F Datasheet HTML 9Page - Rohm BA2901F Datasheet HTML 10Page - Rohm BA2901F Datasheet HTML 11Page - Rohm BA2901F Datasheet HTML 12Page - Rohm BA2901F Datasheet HTML 13Page - Rohm BA2901F Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Technical Note
10/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0
200
400
600
800
1000
0
255075
100
125
AMBIENT TEMPERATURE [℃] .
●
Reference Data BA10339 family
(*)The data above is ability value of sample, it is not guaranteed. BA10339F/FV:-40[℃]~+85[℃]
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
10
203040
SUPPLY VOLTAGE [V]
85℃
25℃
-40℃
BA10339 family
0
10
20
30
40
50
-50
-25
0
25
50
75
100
AMBIENT TEMPERAUTRE [℃]
3V
5V
36V
BA10339 family
0
10
20
30
40
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
36V
3V
BA10339 family
5V
BA10339 family
-8
-6
-4
-2
0
2
4
6
8
-50-25
0
25
50
75100
AMBIENT TEMPERATURE [℃]
3V
5V
36V
-8
-6
-4
-2
0
2
4
6
8
010
20
30
40
SUPPLY VOLTAGE [V]
0
0.2
0.4
0.6
0.8
1
010
20
30
40
SUPPLY VOLTAGE [V]
Fig.55
Input Offset Current - Supply Voltage
Fig.54
Input Bias Current - Ambient Temperature
Fig.52
Input Offset Voltage - Ambient Temperature
Fig.45
Supply Current - Supply Voltage
BA10339 family
25℃
85℃
-40℃
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Fig.51
Input Offset Voltage - Supply Voltage
BA10339FV
BA10339 family
Fig.44
Derating Curve
BA10339F
0
100
200
300
400
500
0
1020
3040
SUPPLY VOLTAGE [V]
BA10339 family
-40℃
25℃
85℃
Fig.47
Output Saturation Voltage
- Supply Voltage
(IOL=4[mA])
0
100
200
300
400
500
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
BA10339 family
2V
36V
5V
Fig.48
Output Saturation Voltage
- Ambient Temperature
(IOL=4[mA])
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10 12 14 16 18 20
OUTPUT SINK CURRENT [mA]
BA10339 family
-40℃
25℃
85℃
Fig.49
Low Level Output Voltage
- Output Sink Current
(VCC=5[V])
0
10
20
30
40
50
0
1020
3040
SUPPLY VOLTAGE [V]
BA10339 family
-40℃
25℃
85℃
Fig.53
Input Bias Current - Supply Voltage
Fig.50
Output Sink Current - Ambient Temperature
(VOUT=1.5[V])
Fig.46
Supply Current - Ambient Temperature
BA10339 family
2V
36V
5V
-40℃
25℃
85℃
BA10339 family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com