Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2901F Datasheet(PDF) 9 Page - Rohm

Part # BA2901F
Description  Ground Sense Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901F Datasheet(HTML) 9 Page - Rohm

Back Button BA2901F Datasheet HTML 5Page - Rohm BA2901F Datasheet HTML 6Page - Rohm BA2901F Datasheet HTML 7Page - Rohm BA2901F Datasheet HTML 8Page - Rohm BA2901F Datasheet HTML 9Page - Rohm BA2901F Datasheet HTML 10Page - Rohm BA2901F Datasheet HTML 11Page - Rohm BA2901F Datasheet HTML 12Page - Rohm BA2901F Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Technical Note
9/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data BA10393 family
(*)The data above is ability value of sample, it is not guaranteed. BA10393F:-40[℃]~+85[℃]
0
1
2
3
4
5
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
-50
-40
-30
-20
-10
0
10
20
30
40
50
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
40
60
80
100
120
140
160
010
20
30
40
SUPPLY VOLTAGE [V]
Fig.39
Common Mode Rejection Ratio
- Supply Voltage
BA10393 family
-40℃
25℃
85℃
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
BA10393 family
Fig.40
Common Mode Rejection Ratio
- Ambient Temperature
2V
5V
36V
Fig.36
Input Offset Current - Ambient Temperature
BA10393 family
2V
5V
36V
60
70
80
90
100
110
120
130
140
010
20
30
40
SUPPLY VOLTAGE [V]
Fig.37
Large Signal Voltage Gain
- Supply Voltage
BA10393 family
25℃
85℃
-40℃
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
Fig.38
Large Signal Voltage Gain
- Ambient Temperature
BA10393 family
2V
5V
36V
0
1
2
3
4
5
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
Fig.42
Response Time (Low to High)
- Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
BA10393 family
5mV overdrive
20mV overdrive
100mV overdrive
Fig.43
Response Time (High to Low)
-Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
BA10393 family
Fig.41
Power Supply Rejection Ratio
- Ambient Temperature
5mV overdrive
20mV overdrive
100mV overdrive
BA10393 family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com