Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2901F Datasheet(PDF) 22 Page - Rohm

Part # BA2901F
Description  Ground Sense Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901F Datasheet(HTML) 22 Page - Rohm

Back Button BA2901F Datasheet HTML 17Page - Rohm BA2901F Datasheet HTML 18Page - Rohm BA2901F Datasheet HTML 19Page - Rohm BA2901F Datasheet HTML 20Page - Rohm BA2901F Datasheet HTML 21Page - Rohm BA2901F Datasheet HTML 22Page - Rohm BA2901F Datasheet HTML 23Page - Rohm BA2901F Datasheet HTML 24Page - Rohm BA2901F Datasheet HTML 25Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Technical Note
22/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Ordering part number
B
A
2
9
0
3
F
V
-
E
2
Part No.
Part No.
10393,
10339
2903S,
2903
2901S,
2901
8391
Package
G
: SSOP5
F
: SOP8
SOP14
FV : SSOP-B8
SSOP-B14
FVM : MSOP8
KN : VQFN16
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SOP14/SSOP-B8/SSOP-B14/VQFN16)
TR: Embossed tape and reel
(SSOP5/MSOP8)
(Unit : mm)
SOP8
4
°
+6°
−4°
0.17
+0.1
-0.05
0.595
6
4
3
8
2
5
1
7
5.0
±0.2
(MAX 5.35 include BURR)
1.27
0.42
±0.1
S
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
Direction of feed
Reel
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin
(Unit : mm)
SSOP5
2.9
±0.2
0.13
4°
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
12
3
0.1
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com