Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2901F Datasheet(PDF) 2 Page - Rohm

Part # BA2901F
Description  Ground Sense Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901F Datasheet(HTML) 2 Page - Rohm

  BA2901F Datasheet HTML 1Page - Rohm BA2901F Datasheet HTML 2Page - Rohm BA2901F Datasheet HTML 3Page - Rohm BA2901F Datasheet HTML 4Page - Rohm BA2901F Datasheet HTML 5Page - Rohm BA2901F Datasheet HTML 6Page - Rohm BA2901F Datasheet HTML 7Page - Rohm BA2901F Datasheet HTML 8Page - Rohm BA2901F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Technical Note
2/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Absolute Maximum Ratings (Ta=25[℃])
Parameter
Symbol
Ratings
Unit
BA8391G
BA10393 family
BA10339 family
Supply Voltage
VCC-VEE
+36
V
Differential Input Voltage
(*1)
Vid
±
36
VCC - VEE
V
Input Common-mode
Voltage Range
Vicm
(VEE-0.3)~VEE+36
(VEE-0.3)~VCC
V
Operating Temperature Range
Topr
-40 ~ +85
℃
Storage Temperature Range
Tstg
-55 ~ +150
-55 ~ +125
℃
Maximum junction Temperature
Tjmax
+150
+125
℃
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
●
Electric Characteristics
○
BA8391G (Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Limits
Unit
Condition
BA8391G
Min.
Typ.
Max.
Input Offset Voltage
(*2) (*3)
Vio
25℃
-
2
7
mV
VOUT = 1.4[V]
Full range
-
-
15
VCC = 5 ~ 36[V], VOUT = 1.4[V]
Input Offset Current
(*2) (*3)
Iio
25℃
-
5
50
nA
VOUT = 1.4[V]
Full range
-
-
200
Input Bias Current
(*2) (*3)
Ib
25℃
-
50
250
nA
VOUT = 1.4[V]
Full range
-
-
500
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25℃
88
100
-
dB
VCC=15[V], VOUT=1.4 ~ 11.4[V],
RL = 15[kΩ], VRL = 15[V]
Supply Current
(*3)
ICC
25℃
-
0.3
0.7
mA
VOUT = open
Full range
-
-
1.3
VOUT = open, VCC = 36[V]
Output Sink Current
(*4)
IOL
25℃
6
16
-
mA
VIN+ = 0[V], VIN- = 1[V],
VOL = 1.5[V]
Output Saturation Voltage
(*3)
(Low level output voltage)
VOL
25℃
-
150
400
mV
VIN+ = 0[V], VIN- = 1[V],
IOL = 4[mA]
Full range
-
-
700
Output Leakage Current
(*3)
(High level output voltage)
Ileak
25℃
-
0.1
-
nA
VIN+ = 1[V], VIN- = 0[V],
VOH = 5[V]
Full range
-
-
1
μA
VIN+ = 1[V], VIN- = 0[V],
VOH = 36[V]
Response Time
Tre
25℃
-
1.3
-
μs
RL = 5.1[kΩ], VRL = 5[V],
VIN=100[mVp-p],overdrive=5[mV]
RL =5.1[kΩ], VRL=5[V], VIN=TTL
Logic Swing, VREF = 1.4[V]
(*2)
Absolute value
(*3)
Full range Ta=-40 ~ +85[℃]
(*4)
Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com