Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2901F Datasheet(PDF) 7 Page - Rohm

Part # BA2901F
Description  Ground Sense Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901F Datasheet(HTML) 7 Page - Rohm

Back Button BA2901F Datasheet HTML 3Page - Rohm BA2901F Datasheet HTML 4Page - Rohm BA2901F Datasheet HTML 5Page - Rohm BA2901F Datasheet HTML 6Page - Rohm BA2901F Datasheet HTML 7Page - Rohm BA2901F Datasheet HTML 8Page - Rohm BA2901F Datasheet HTML 9Page - Rohm BA2901F Datasheet HTML 10Page - Rohm BA2901F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Technical Note
7/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data BA8391 family
(*)The data above is ability value of sample, it is not guaranteed. BA8391G:-40[℃]~+85[℃]
0
1
2
3
4
5
-100
-80
-60
-40
-20
0
OUTPUT DRIVE VOLTAGE[mV]
0
1
2
3
4
5
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
0
1
2
3
4
5
-50
-250
255075
100
AMBIENT TEMPERATURE[℃]
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
40
60
80
100
120
140
160
0
1020
3040
SUPPLY VOLTAGE[V]
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
2V
5V
36V
-6
-4
-2
0
2
4
6
-1
0
1
2
3
4
5
INPUT VOLTAGE[V]
60
70
80
90
100
110
120
130
140
0
10
203040
SUPPLY VOLTAGE[V]
25℃
-40℃
85℃
-50
-40
-30
-20
-10
0
10
20
30
40
50
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
5V
2V
36V
Fig.18
入力オフセット電圧-同相入力電圧範囲
(VCC=5[V])
Fig.14
大振幅電圧利得-電源電圧特性
Fig.15
大振幅電圧利得-温度特性
Fig.16
同相信号除去比-電源電圧特性
Fig.17
同相信号除去比-温度特性
Fig.19
電源電圧除去比-温度特性
Fig.13
入力オフセット電流-温度特性
Fig.20
L→H応答時間-オーバードライブ電圧特性
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Fig.21
L→H応答時間-温度特性
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Fig.22
H→L応答時間-オーバードライブ電圧特性
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
5V
2V
36V
0
1
2
3
4
5
0
2040
6080
100
OUTPUT DRIVE VOLTAGE[mV]
Fig.23
H→L応答時間-温度特性
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
25℃
-40℃
85℃
25℃
-40℃
85℃
25℃
-40℃
85℃
20m V overdrive
100m V overdrive
5mV overdrive
25℃
-40℃
85℃
20m V overdrive
100mV overdrive
5m V overdrive
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
Fig.16
Common Mode Rejection Ratio
- Supply Voltage
Fig.17
Common Mode Rejection Ratio
- Ambient Temperature
Fig.22
Response Time (High to Low)
- Over Drive Voltage
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Fig.23
Response Time (High to Low)
- Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Fig.13
Input Offset Current - Ambient Temperature
Fig.14
Large Signal Voltage Gain
- Supply Voltage
Fig.15
Large Signal Voltage Gain
- Ambient Temperature
Fig.19
Power Supply Rejection Ratio
- Ambient Temperature
Fig.21
Response Time (Low to High)
- Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Fig.20
Response Time (Low to High)
- Over Drive Voltage
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
BA8391 family
BA8391 family
Fig.18
Input Offset Voltage - Input Voltage
(VCC=5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com