Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2902F Datasheet(PDF) 14 Page - Rohm

Part # BA2902F
Description  Ground Sense Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902F Datasheet(HTML) 14 Page - Rohm

Back Button BA2902F Datasheet HTML 10Page - Rohm BA2902F Datasheet HTML 11Page - Rohm BA2902F Datasheet HTML 12Page - Rohm BA2902F Datasheet HTML 13Page - Rohm BA2902F Datasheet HTML 14Page - Rohm BA2902F Datasheet HTML 15Page - Rohm BA2902F Datasheet HTML 16Page - Rohm BA2902F Datasheet HTML 17Page - Rohm BA2902F Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
14/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
○
BA2902 family
Input Offset Current - Supply Voltage
(Vicm=0[V],VOUT=1.4[V])
Large Signal Voltage Gain - Ambient Temperature
(RL=2[kΩ])
Input Bias Current - Ambient Temperature
(VCC=30[V],Vicm=28[V],VOUT=1.4[V])
Input Offset Voltage - Common Mode Input Voltage
(VCC=5[V])
Input Bias Current - Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
Input Offset Voltage - Ambient Temperature
(Vicm=0[V], VOUT=1.4[V])
Input Bias Current - Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
Input Offset Current - Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
Common Mode Rejection Ratio
- Supply Voltage
Common Mode Rejection Ratio
- Ambient Temperature
Power Supply Rejection Ratio
- Ambient Temperature
Large Signal Voltage Gain - Supply Voltage
(RL=2[kΩ])
-10
-5
0
5
10
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
60
70
80
90
100
110
120
130
140
4
6
8
1012
1416
SUPPLY VOLTAGE [V]
60
70
80
90
100
110
120
130
140
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
3V
32V
5V
-40℃
105℃
25℃
15V
5V
125℃
BA2902 family
BA2902 family
BA2902 family
Fig. 85
Fig. 86
Fig. 87
Fig. 88
Fig. 89
Fig. 90
Fig. 91
Fig. 92
Fig. 93
Fig. 94
Fig. 95
Fig. 96
-8
-6
-4
-2
0
2
4
6
8
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
3V
32V
5V
125℃
-40℃
25℃
3V
5V
105℃
32V
BA2902 family
BA2902 family
BA2902 family
-10
0
10
20
30
40
50
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
-1
01234
5
INPUT VOLTAGE [Vin]
-10
-5
0
5
10
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
-40℃
25℃
125℃
-40℃
25℃
125℃
105℃
105℃
BA2902 family
BA2902 family
BA2902 family
[V]
40
60
80
100
120
140
010
20
30
40
SUPPLY VOLTAGE [V]
40
60
80
100
120
140
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-40℃
125℃
25℃
5V
3V
32V
105℃
BA2902 family
BA2902 family
BA2902 family
36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com