Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2902F Datasheet(PDF) 16 Page - Rohm

Part # BA2902F
Description  Ground Sense Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902F Datasheet(HTML) 16 Page - Rohm

Back Button BA2902F Datasheet HTML 12Page - Rohm BA2902F Datasheet HTML 13Page - Rohm BA2902F Datasheet HTML 14Page - Rohm BA2902F Datasheet HTML 15Page - Rohm BA2902F Datasheet HTML 16Page - Rohm BA2902F Datasheet HTML 17Page - Rohm BA2902F Datasheet HTML 18Page - Rohm BA2902F Datasheet HTML 19Page - Rohm BA2902F Datasheet HTML 20Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
16/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
±0
±4
±8
±12
±16
±20
SUPPLY VOLTAGE[V]
○
BA3404 family
0
10
20
30
40
50
1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
FREQUENCY [Hz]
0
20
40
60
80
100
120
140
160
180
200
40
60
80
100
120
140
160
±2 ±4 ±6
±8 ±10 ±12 ±14 ±16 ±18 ±20
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
BA3404 family
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
BA3404 family
BA3404 family
±2.0V
±15.0V
±18.0V
Gain
Phase
-20
-15
-10
-5
0
5
10
15
20
-3
-2
-1
0
1
2
3
COMMON MODE INPUT VOLTAGE [V]
-40℃
25℃
85℃
BA3404 family
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
BA3404 family
0
25
50
75
100
125
150
-50
-250
255075
100
AMBIENT TEMPERATURE [°C]
BA3404 family
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Large Signal Voltage Gain
- Ambient Temperature (RL=2[kΩ])
0.001
0.01
0.1
1
0.01
0.1
1
10
OUTPUT VOLTAGE [Vrms]
Input Offset Voltage
- Common Mode Input Voltage
(VCC/VEE=+2.5[V]/-2.5[V])
Common Mode Rejection Ratio
- Ambient Temperature
(VCC/VEE=+15[V]/-15[V])
Power Supply Rejection Ratio
- Ambient Temperature
(VCC/VEE=+15[V]/-15[V])
Large Signal Voltage Gain
- Supply Voltage (RL=2[kΩ])
Voltage Gain - Frequency
(VCC=±15V)
-40℃
85℃
25℃
Slew Rate L-H - Supply Voltage
BA3404 family
Slew Rate H-L - Ambient Temperature
±15.0V
±2.5V
±18.0V
BA3404 family
Total Harmonic Distoration - Output Voltage
(VCC/VEE=+4[V]/-4[V],Av=0[dB],
RL=2[kΩ],80[kHz]-LPF,Ta=25[℃])
20kHz
20Hz
1kHz
BA3404 family
0
20
40
60
80
10
100
1000
10000
FREQUENCY [Hz]
Equivalent Input Noise Voltage - Frequency
(VCC/VEE=+15[V]/-15[V],Rs=100[Ω],Ta=25[℃])
BA3404 family
Fig. 109
Fig. 110
Fig. 111
Fig. 112
Fig. 113
Fig. 114
Fig. 115
Fig. 116
Fig. 117
Fig. 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com