Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2902F Datasheet(PDF) 6 Page - Rohm

Part # BA2902F
Description  Ground Sense Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902F Datasheet(HTML) 6 Page - Rohm

Back Button BA2902F Datasheet HTML 2Page - Rohm BA2902F Datasheet HTML 3Page - Rohm BA2902F Datasheet HTML 4Page - Rohm BA2902F Datasheet HTML 5Page - Rohm BA2902F Datasheet HTML 6Page - Rohm BA2902F Datasheet HTML 7Page - Rohm BA2902F Datasheet HTML 8Page - Rohm BA2902F Datasheet HTML 9Page - Rohm BA2902F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
6/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Absolute Maximum Ratings (Ta=25[℃])
○
BA3404 family
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+36
V
Differential Input Voltage
(*13)
Vid
36
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3)~(VEE+36)
V
Operating Temperature Range
Topr
-40~+85
℃
Storage Temperature Range
Tstg
-55~+150
℃
Maximum Junction Temperature
Tjmax
+150
℃
Note:Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*13) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
●
Electric Characteristics
○
BA3404 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BA3404 family
Min.
Typ.
Max.
Input Offset Voltage
(*14)
Vio
25℃
-
2
5
mV
VOUT=0[V], Vicm=0[V]
Input Offset Current
(*14)
Iio
25℃
-
5
50
nA
VOUT=0[V], Vicm=0[V]
Input Bias Current
(*14)
Ib
25℃
-
70
200
nA
VOUT=0[V], Vicm=0[V]
Large Signal Voltage Gain
AV
25℃
88
100
-
dB
RL≧2[kΩ],
VOUT=±10[V],Vicm=0[V]
Maximum Output Voltage
VOM
25℃
±13
±14
-
V
RL≧2[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
-15
-
13
V
VOUT=0[V]
Common-mode Rejection Ratio
CMRR
25℃
70
90
-
dB
VOUT=0[V],
Vicm=-15[V]~+13[V]
Power Supply Rejection Ratio
PSRR
25℃
80
94
-
dB
Ri≦10[kΩ],
VCC=+4[V]~+30[V]
Supply Current
ICC
25℃
-
2.0
3.5
mA
RL=∞ All Op-Amps,
VIN+=0[V]
Output Source Current
Isource
25℃
20
30
-
mA
VIN+=1[V],VIN-=0[V],
VOUT=+12[V],
Output of one channel only
Output Sink Current
Isink
25℃
10
20
-
mA
VIN+=0[V], VIN-=1[V],
VOUT= -12[V],
Output of one channel only
Slew rate
SR
25℃
-
1.2
-
V/μs
AV=0[dB],
RL=2[kΩ],CL=100[pF]
Unity Gain Frequency
ft
25℃
-
1.2
-
MHz RL=2[kΩ]
Total Harmonic Distortion
THD
25℃
-
0.1
-
%
VOUT=10[Vp-p],f=20[kHz],
AV=0[dB],RL=2[kΩ]
(*14) Absolute value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com