Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2902F Datasheet(PDF) 1 Page - Rohm

Part # BA2902F
Description  Ground Sense Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902F Datasheet(HTML) 1 Page - Rohm

  BA2902F Datasheet HTML 1Page - Rohm BA2902F Datasheet HTML 2Page - Rohm BA2902F Datasheet HTML 3Page - Rohm BA2902F Datasheet HTML 4Page - Rohm BA2902F Datasheet HTML 5Page - Rohm BA2902F Datasheet HTML 6Page - Rohm BA2902F Datasheet HTML 7Page - Rohm BA2902F Datasheet HTML 8Page - Rohm BA2902F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Operational Amplifiers / Comparators
Ground Sense
Operational Amplifiers
BA10358F/FV,BA10324AF/FV,BA2904S F/FV/FVM,BA2904F/FV/FVM
BA2902SF/FV/KN,BA2902F/FV/KN,BA3404F/FVM
●
Description
General-purpose BA10358/BA10324A family and high-reliability BA2904 /BA2902 family integrate two or four independent
Op-Amps and phase compensation capacitors on a single chip and have some features of high-gain, low power
consumption, and operating voltage range of 3[V] to 32[V] (single power supply ). BA3404 family is realized high speed
operation and reduces the crossover distortions that compare with BA10358 family.
●
Characteristics
1) Operable with a single power supply
2) Wide operating supply voltage
+3.0[V]~+32.0[V]( single supply) (BA10358/BA10324A/BA2904/BA2902 family)
+4.0[V]~+36.0[V]( single supply) (BA3404 family)
3) Standard Op-Amp Pin-assignments
4) Input and output are operable GND sense
5) Internal phase compensation type
6) Low supply current
7) High open loop voltage gain
8) Internal ESD protection
Human body model (HBM) ±5000[V](Typ.)(BA2904/BA2902/BA3404 family)
9) Gold PAD (BA2904/BA2902/BA3404 family)
10) Wide temperature range
-40[℃]~+85[℃] (BA10358/BA10324/BA3404 family)
-40[℃]~+105[℃] (BA2904S/BA2902S family)
-40[℃]~+125[℃] (BA2904/BA2902 family)
●
Pin Assignment
SOP8
1
2
3
4
12
11
10
9
+IN1
VCC
NC
+IN2
-IN2
OUT2 OUT3 -IN3
-IN1
OUT1 OUT4 -IN4
+IN4
VEE
NC
+IN3
CH1
-
+
CH4
-
+
CH2
+
-
CH3
+
-
16
15
14
13
5
6
7
8
SSOP-B8
MSOP8
SOP14
SSOP-B14
VQFN16
1
2
3
4
8
7
5
OUT1
-IN1
+IN1
VEE
VCC
OUT2
-IN2
+IN2
CH1
- +
CH2
+ -
6
OUT1
-IN1
+IN1
-IN2
CH1
-+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
+IN2
OUT2
OUT4
-IN4
+IN4
-IN3
VEE
+IN3
OUT3
CH4
+ -
CH2
-+
CH3
+
-
BA10358F
BA2904SF
BA2904F
BA3404F
BA10358FV
BA2904SFV
BA2904FV
BA2904SFVM
BA2904FVM
BA3404FVM
BA10324AF
BA2902SF
BA2902F
BA2902SKN
BA2902KN
BA10324AFV
BA2902SFV
BA2902FV
No.11049EBT15
BA2902S F/FV/KN:105℃ guaranteed
Quad
Dual
BA2904S F/FV/FVM:105℃ guaranteed
BA2902F/FV/KN:125℃ guaranteed
High-reliability
BA2904F/FV/FVM:125℃ guaranteed
Quad
BA10324A F/FV
General purpose
Dual
BA10358F/FV
Dual
BA3404F/FVM


Similar Part No. - BA2902F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2902F ROHM-BA2902F	 Datasheet
610Kb / 25P
Operational Amplifiers: Ground Sense
BA2902F ROHM-BA2902F Datasheet
325Kb / 6P
GROUND SENSE QUAD OPERATIONAL AMPLIFIERS
BA2902F ROHM-BA2902F Datasheet
610Kb / 25P
Operational Amplifiers: Ground Sense
BA2902F ROHM-BA2902F Datasheet
554Kb / 26P
Ground Sense Operational Amplifiers
BA2902F ROHM-BA2902F Datasheet
558Kb / 26P
Ground Sense Operational Amplifiers
More results

Similar Description - BA2902F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
Ground Sense Operational Amplifiers
BA2904SFV-E2 ROHM-BA2904SFV-E2 Datasheet
558Kb / 26P
Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
Ground Sense Operational Amplifiers
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com